Electronic Components Datasheet Search
  English  ▼

X  

IPAC-X Datasheet(PDF) 44 Page - Infineon Technologies AG

Part # IPAC-X
Description  ISDN PC Adapter Circuit
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPAC-X Datasheet(HTML) 44 Page - Infineon Technologies AG

Back Button IPAC-X Datasheet HTML 40Page - Infineon Technologies AG IPAC-X Datasheet HTML 41Page - Infineon Technologies AG IPAC-X Datasheet HTML 42Page - Infineon Technologies AG IPAC-X Datasheet HTML 43Page - Infineon Technologies AG IPAC-X Datasheet HTML 44Page - Infineon Technologies AG IPAC-X Datasheet HTML 45Page - Infineon Technologies AG IPAC-X Datasheet HTML 46Page - Infineon Technologies AG IPAC-X Datasheet HTML 47Page - Infineon Technologies AG IPAC-X Datasheet HTML 48Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 270 page
background image
IPAC-X
PSB/PSF 21150
Description of Functional Blocks
Data Sheet
44
2003-01-30
• C/I Code Change (Exchange Awake)
A change in the downstream C/I channel (C/I0) generates an external reset pulse of
125 µs
£ t £ 250 µs.
• EAW (Subscriber Awake)
A low level on the EAW input starts the oscillator from the power down state and
generates a reset pulse of 125 µs
£ t £ 250 µs.
• Watchdog Timer
After the selection of the watchdog timer (RSS = ’11’) an internal timer is reset and
started. During every time period of 128 ms the microcontroller has to program the
WTC1- and WTC2 bits in the following sequence to reset and restart the watchdog timer:
If not, the timer expires and a WOV-interrupt (ISTA Register) together with a reset pulse
of 125 µs is generated.
Deactivation of the watchdog timer is only possible with a hardware reset.
External Reset Input
At the RES input an external reset can be applied forcing the device in the reset state.
This external reset signal is additionally fed to the RSTO output. The length of the reset
signal is specified in Chapter 5.9.
After an external reset from the RES pin all registers of the device are set to its reset
values (see register description in Chapter 4).
Software Reset Register (SRES)
Every main functional block of the device can be reset separately by software setting the
corresponding bit in the SRES register. A reset to external devices can also be controlled
in this way. The reset state is activated by setting the corresponding bit to ’1’ and onchip
Table 6
Reset Source Selection
RSS2
Bit 1
RSS1
Bit 0
C/I Code
Change
EAW
Watchdog
Timer
0
0
--
--
--
0
1
reserved
10
x
x
--
1
1
--
--
x
WTC1
WTC2
1.
2.
1
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com