Electronic Components Datasheet Search
  English  ▼

X  

IPAC-X Datasheet(PDF) 86 Page - Infineon Technologies AG

Part # IPAC-X
Description  ISDN PC Adapter Circuit
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPAC-X Datasheet(HTML) 86 Page - Infineon Technologies AG

Back Button IPAC-X Datasheet HTML 82Page - Infineon Technologies AG IPAC-X Datasheet HTML 83Page - Infineon Technologies AG IPAC-X Datasheet HTML 84Page - Infineon Technologies AG IPAC-X Datasheet HTML 85Page - Infineon Technologies AG IPAC-X Datasheet HTML 86Page - Infineon Technologies AG IPAC-X Datasheet HTML 87Page - Infineon Technologies AG IPAC-X Datasheet HTML 88Page - Infineon Technologies AG IPAC-X Datasheet HTML 89Page - Infineon Technologies AG IPAC-X Datasheet HTML 90Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 270 page
background image
IPAC-X
PSB/PSF 21150
Description of Functional Blocks
Data Sheet
86
2003-01-30
3.5.3
State Machine NT Mode
3.5.3.1
State Transition Diagram (NT)
Figure 45
State Transition Diagram (NT)
Note: State ’Test Mode’ can be entered from any state except from state ’Test Mode’
itself , i.e. C/I-code ’SSP/SCP’ must not be followed by C/I-code ’SCP/SSP’
directly.
G2 Pend. Act
AR ARD
i2
i3
Reset
TIM RES
i0
*
G1 i0 Detected
AR
DC
i0
*
G2 Lost
Framing S/T
RSY AID
ARD
i2
i3
G1 Deactivated
DI
TIM 3)
DC
i0
i0
s tatem_nt_s .v s d
G4 Pend. Deact.
TIM
DR
i0
i0
Test Mode i
TIM SSP
SCP
it
*
DR
DR
G4 Wait for DR
DI
DR
i0
*
(i0*16ms)+32ms
DC
DC
SSP
SCP
Any
State
DR
DC
Any
State
RES
ARD1)
ARD1)
DR
i3
i3*AID2)
RST
ARD1)
G2 Wait for AID
AI
ARD
i2
i3
G3 Lost
Framing U
RSY RSY
i2
*
G3 Activated
AI
AID
i4
i3
ARD1)
AID2)
i3*ARD1)
i3*ARD
DR
DR
DR
RSY
RSY
DR
RSY
ARD1)
AID2)
1) ARD = AR or ARL
2) AID =AI or AIL
3) DI if i0
TIM if i0
ARD1)
i3*AID2)
(i0*8ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com