Electronic Components Datasheet Search
  English  ▼

X  

IPAC-X Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # IPAC-X
Description  ISDN PC Adapter Circuit
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPAC-X Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button IPAC-X Datasheet HTML 13Page - Infineon Technologies AG IPAC-X Datasheet HTML 14Page - Infineon Technologies AG IPAC-X Datasheet HTML 15Page - Infineon Technologies AG IPAC-X Datasheet HTML 16Page - Infineon Technologies AG IPAC-X Datasheet HTML 17Page - Infineon Technologies AG IPAC-X Datasheet HTML 18Page - Infineon Technologies AG IPAC-X Datasheet HTML 19Page - Infineon Technologies AG IPAC-X Datasheet HTML 20Page - Infineon Technologies AG IPAC-X Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 270 page
background image
Data Sheet
17
2003-01-30
Type
Package
PSB/PSF 21150 H
P-MQFP-64-1
PSB/PSF 21150 F
P-TQFP-64-1
IPAC-X
ISDN PC Adapter Circuit
PSB/PSF 21150
V 1.4
P-MQFP-64-1, -2, -3, -8
P-MQFP-64-1
P-TQFP-64-1
1.1
Features
• Single chip host based ISDN solution
• Based on IPAC PSB 2115, integrating ISAC-S and
HSCX-TE functionality
• 8-bit parallel microcontroller interface,
Motorola and Siemens/Intel bus type
multiplexed or non-multiplexed,
direct-/indirect register addressing
• Serial control interface (SCI)
• Microcontroller access to all IOM-2 timeslots
• Various types of protocol support (Non-auto mode,
transparent mode, extended transparent mode)
• B-channel HDLC controllers with 128 byte FIFOs
• Flexible access to 18-bit timeslots (2B+D) on IOM-2
for IDSL support
• D-channel HDLC controller with 64 byte FIFOs
• IOM-2 interface in TE, LT-T, LT-S and NT mode,
single/double clocks and two strobe signals
• D-channel priority handler on IOM-2 for intelligent NT
applications
• Monitor channel handler (master/slave)
• IOM-2 MONITOR and C/I-channel protocol to control peripheral devices
• Full duplex 2B+D S/T-interface transceiver according to ITU-T I.430
• Conversion of the frame structure between the S/T-interface and IOM-2
• Receive timing recovery
• D-channel access control
• Activation and deactivation procedures with automatic activation from power down
state
• Access to S and Q bits of S/T-interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com