Electronic Components Datasheet Search
  English  ▼

X  

IPAC-X Datasheet(PDF) 62 Page - Infineon Technologies AG

Part # IPAC-X
Description  ISDN PC Adapter Circuit
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPAC-X Datasheet(HTML) 62 Page - Infineon Technologies AG

Back Button IPAC-X Datasheet HTML 58Page - Infineon Technologies AG IPAC-X Datasheet HTML 59Page - Infineon Technologies AG IPAC-X Datasheet HTML 60Page - Infineon Technologies AG IPAC-X Datasheet HTML 61Page - Infineon Technologies AG IPAC-X Datasheet HTML 62Page - Infineon Technologies AG IPAC-X Datasheet HTML 63Page - Infineon Technologies AG IPAC-X Datasheet HTML 64Page - Infineon Technologies AG IPAC-X Datasheet HTML 65Page - Infineon Technologies AG IPAC-X Datasheet HTML 66Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 270 page
background image
IPAC-X
PSB/PSF 21150
Description of Functional Blocks
Data Sheet
62
2003-01-30
3.3.7
S/T Interface Circuitry
For both the receive and transmit direction a 1:1 transformer is used to connect the
IPAC-X transceiver to the 4 wire S/T interface. Typical transformer characteristics can
be found in the chapter on electrical characteristics. The connections of the line
transformers is shown in Figure 31.
Figure 31
Connection of Line Transformers and Power Supply to the IPAC-X
For the transmit direction an external transformer is required to provide isolation and
pulse shape according to the ITU-T recommendations.
3.3.7.1
External Protection Circuitry
The ITU-T I.430 specification for both transmitter and receiver impedances in TEs results
in a conflict with respect to external S-protection circuitry requirements:
– To avoid destruction or malfunction of the S-device it is desirable to drain off even
small overvoltages reliably.
– To meet the 96 kHz impedance test specified for transmitters and receivers (for TEs
only, ITU-T I.430 sections 8.5.1.2a and
8.6.1.1) the protection circuit must be
dimensioned such that voltages below 1.2 V (ITU-T I.430 amplitude) x transformer
ratio are not affected.
This requirement results from the fact that this test is also to be performed with no supply
voltage being connected to the TE. Therefore the second reference point for
overvoltages VDD, is tied to GND. Then, if the amplitude of the 96 kHz test signal is
greater than the combined forward voltages of the diodes, a current exceeding the
specified one may pass the protection circuit.
The following recommendations aim at achieving the highest possible device protection
against overvoltages while still fulfilling the 96 kHz impedance tests.
21150_05
IPAC-X
Protection
Circuit
Protection
Circuit
1:1
1:1
Transmit
Pair
Receive
Pair
SX1
SX2
SR1
SR2
GND
VDD
VSS
3.3 V
10 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com