Electronic Components Datasheet Search
  English  ▼

X  

IPAC-X Datasheet(PDF) 63 Page - Infineon Technologies AG

Part # IPAC-X
Description  ISDN PC Adapter Circuit
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPAC-X Datasheet(HTML) 63 Page - Infineon Technologies AG

Back Button IPAC-X Datasheet HTML 59Page - Infineon Technologies AG IPAC-X Datasheet HTML 60Page - Infineon Technologies AG IPAC-X Datasheet HTML 61Page - Infineon Technologies AG IPAC-X Datasheet HTML 62Page - Infineon Technologies AG IPAC-X Datasheet HTML 63Page - Infineon Technologies AG IPAC-X Datasheet HTML 64Page - Infineon Technologies AG IPAC-X Datasheet HTML 65Page - Infineon Technologies AG IPAC-X Datasheet HTML 66Page - Infineon Technologies AG IPAC-X Datasheet HTML 67Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 270 page
background image
IPAC-X
PSB/PSF 21150
Description of Functional Blocks
Data Sheet
63
2003-01-30
Protection Circuit for Transmitter
Figure 32
External Circuitry for Transmitter
Figure 32 illustrates the secondary protection circuit recommended for the transmitter.
The external resistors (5 ... 10
W) are required in order to adjust the output voltage to the
pulse mask on the one hand and in order to meet the output impedance of minimum 20
W
(transmission of a binary zero according to ITU-T I.430) on the other hand.
Two mutually reversed diode paths protect the device against positive or negative
overvoltages on both lines.
An ideal protection circuit should limit the voltage at the SX pins from – 0.4 V to VDD
+ 0.4 V. With the circuit In Figure 32 the pin voltage range is increased from – 0.7 V to
VDD + 1.4 V. The resulting forward voltage of 1.4 V will prevent the protection circuit from
becoming active if the 96 kHz test signal is applied while no supply voltage is present.
Protection Circuit for Receiver
Figure 33 illustrates the external circuitry used in combination with a symmetrical
receiver. Protection of symmetrical receivers is rather simple.
SX1
5 ... 10
Ohm
5 ...10
Ohm
Vdd
S Bus
1:1
21150_23
SX2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com