Electronic Components Datasheet Search
  English  ▼

X  

IPAC-X Datasheet(PDF) 72 Page - Infineon Technologies AG

Part # IPAC-X
Description  ISDN PC Adapter Circuit
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPAC-X Datasheet(HTML) 72 Page - Infineon Technologies AG

Back Button IPAC-X Datasheet HTML 68Page - Infineon Technologies AG IPAC-X Datasheet HTML 69Page - Infineon Technologies AG IPAC-X Datasheet HTML 70Page - Infineon Technologies AG IPAC-X Datasheet HTML 71Page - Infineon Technologies AG IPAC-X Datasheet HTML 72Page - Infineon Technologies AG IPAC-X Datasheet HTML 73Page - Infineon Technologies AG IPAC-X Datasheet HTML 74Page - Infineon Technologies AG IPAC-X Datasheet HTML 75Page - Infineon Technologies AG IPAC-X Datasheet HTML 76Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 270 page
background image
IPAC-X
PSB/PSF 21150
Description of Functional Blocks
Data Sheet
72
2003-01-30
3.4.3
Oscillator Clock Output C768
The IPAC-X derives its system clocks from an external clock connected to XTAL1 (while
XTAL2 is not connected) or from a 7.68 MHz crystal connected across XTAL1 and
XTAL2.
At pin C768 a buffered 7.68 MHz output clock is provided to drive further devices, which
is suitable in multiline applications for example (see Figure 39). This clock is not
synchronized to the S-interface.
In power down mode the C768 output is disabled (low signal).
Figure 39
Buffered Oscillator Clock Output
21150_12
IPAC-X
XTAL1
XTAL2
C768
IPAC-X
XTAL1
XTAL2
C768
IPAC-X
XTAL1
XTAL2
C768
7.68
MHz
n.c.
n.c.
n.c.
n.c.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com