Electronic Components Datasheet Search
  English  ▼

X  

IPAC-X Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # IPAC-X
Description  ISDN PC Adapter Circuit
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPAC-X Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button IPAC-X Datasheet HTML 9Page - Infineon Technologies AG IPAC-X Datasheet HTML 10Page - Infineon Technologies AG IPAC-X Datasheet HTML 11Page - Infineon Technologies AG IPAC-X Datasheet HTML 12Page - Infineon Technologies AG IPAC-X Datasheet HTML 13Page - Infineon Technologies AG IPAC-X Datasheet HTML 14Page - Infineon Technologies AG IPAC-X Datasheet HTML 15Page - Infineon Technologies AG IPAC-X Datasheet HTML 16Page - Infineon Technologies AG IPAC-X Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 270 page
background image
IPAC-X
PSB/PSF 21150
Overview
Data Sheet
13
2003-01-30
1Overview
The ISDN PC Adapter Circuit Extended IPAC-X integrates all necessary functions for a
host based ISDN access solution on a single chip. It is based on the IPAC PSB 2115,
and provides enhanced features and functionality.
It includes the S-transceiver (Layer 1), an HDLC controller for the D-channel and two
protocol controllers for each B-channel. They can be used for HDLC protocol or
transparent access.
The system integration is simplified by several configurations of the parallel
microcontroller interface selected via pin strapping. They include multiplexed and
demultiplexed interface selection as well as the optional indirect register access
mechanism which reduces the number of necessary registers in the address space to 2
locations. The IPAC-X also provides a serial control interface (SCI).
The FIFO size of the cyclic B-channel buffers is 128 bytes per channel and per direction,
with programmable block size (threshold). Besides TE mode the S-transceiver supports
other terminal relevant operation modes like line termination subscriber side (LT-S) and
line termination trunk side (LT-T). A multi-line ISDN solution to support both S and U line
coding is simplified as well as multi-line solution with up to 3 S-interfaces.
An auxiliary I/O port has been added with interrupt capabilities on two input lines. These
programmable I/O lines may be used to connect peripheral components to the IPAC-X
which need software control or have to forward status information to the host.
Three programmable LED outputs can be used to indicate certain status information,
one of them is capable to indicate the activation status of the S-interface automatically.
The IPAC-X is produced in advanced CMOS technology.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com