Electronic Components Datasheet Search
  English  ▼

X  

IPAC-X Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # IPAC-X
Description  ISDN PC Adapter Circuit
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPAC-X Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button IPAC-X Datasheet HTML 15Page - Infineon Technologies AG IPAC-X Datasheet HTML 16Page - Infineon Technologies AG IPAC-X Datasheet HTML 17Page - Infineon Technologies AG IPAC-X Datasheet HTML 18Page - Infineon Technologies AG IPAC-X Datasheet HTML 19Page - Infineon Technologies AG IPAC-X Datasheet HTML 20Page - Infineon Technologies AG IPAC-X Datasheet HTML 21Page - Infineon Technologies AG IPAC-X Datasheet HTML 22Page - Infineon Technologies AG IPAC-X Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 270 page
background image
IPAC-X
PSB/PSF 21150
Overview
Data Sheet
19
2003-01-30
1.2
Logic Symbol
The logic symbol gives an overview of the IPAC-X functions. It must be noted that not all
functions are available simultaneously, but depend on the selected mode.
Pins which are marked with a “ * “ are multiplexed and not available in all modes.
Figure 1
Logic Symbol of the IPAC-X
AD0...4
A0...7
CS
RD / DS
WR / R/W
ALE
RES
INT
DU
AD5 / SCL
AD6 / SDR
AD7 / SDX
RSTO
MODE0
XTAL2
XTAL1
7.68 MHz output
7.68 MHz ± 100ppm
SR1
SR2
SX1
SX2
S Interface
MODE1 / EAW
AMODE
Mode
Setting
C768
DD
FSC
DCL
BCL/
SCLK
SDS1/2
VSS
VSSA
VDD
VDDA
+3.3V 0V
IOM-2 Interface
Host
Interface
AUX0...7 *
INT0/1 *
CH0...2 *
AUX6/7* / ACL
LED Output
IOM channel
select
External
Interrupts
General
purpose I/O
Auxiliary Interface
21150_17
2
3
3
2
TP
0V
MBIT *
Multiframe
Sync.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com