Electronic Components Datasheet Search
  English  ▼

X  

IPAC-X Datasheet(PDF) 74 Page - Infineon Technologies AG

Part # IPAC-X
Description  ISDN PC Adapter Circuit
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPAC-X Datasheet(HTML) 74 Page - Infineon Technologies AG

Back Button IPAC-X Datasheet HTML 70Page - Infineon Technologies AG IPAC-X Datasheet HTML 71Page - Infineon Technologies AG IPAC-X Datasheet HTML 72Page - Infineon Technologies AG IPAC-X Datasheet HTML 73Page - Infineon Technologies AG IPAC-X Datasheet HTML 74Page - Infineon Technologies AG IPAC-X Datasheet HTML 75Page - Infineon Technologies AG IPAC-X Datasheet HTML 76Page - Infineon Technologies AG IPAC-X Datasheet HTML 77Page - Infineon Technologies AG IPAC-X Datasheet HTML 78Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 270 page
background image
IPAC-X
PSB/PSF 21150
Description of Functional Blocks
Data Sheet
74
2003-01-30
State machines are the key to understanding the transceiver part of the IPAC-X. They
include all information relevant to the user and enable him to understand and predict the
behaviour of the IPAC-X. The state diagram notation is given in Figure 41. The
informations contained in the state diagrams are:
– state name (based on ITU I.430)
– S/T signal transmitted (INFO)
– C/I code received
– C/I code transmitted
– transition criteria
The coding of the C/I commands and indications are described in detail in Chapter 3.5.4.
Figure 41
State Diagram Notation
The following example illustrates the use of a state diagram with an extract of the TE
state diagram. The state explained is “F3 deactivated”.
The state may be entered:
– from the unconditional states (ARL, RES, TM)
– from state “F3 pending deactivation”, “F3 power up”, “F4 pending activation” or “F5
unsynchronized” after the C/I command “DI” has been received.
The following informations are transmitted:
– INFO 0 (no signal) is sent on the S/T-interface.
C/I message “DC” is issued on the IOM-2 interface.
The state may be left by either of the following methods:
– Leave for the state “F3 power up” in case C/I = “TIM” code is received.
– Leave for state “F4 pending activation” in case C/I = AR8 or AR10 is received.
ITD09657
Cmd.
Ind.
State
Ι
C /
Unconditional
Transition
S / T Interface
INFO
OUT
IPAC
IN
i x
i r
IPAC
IOM-2 Interface
IPAC-X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com