Electronic Components Datasheet Search
  English  ▼

X  

IPAC-X Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # IPAC-X
Description  ISDN PC Adapter Circuit
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPAC-X Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button IPAC-X Datasheet HTML 45Page - Infineon Technologies AG IPAC-X Datasheet HTML 46Page - Infineon Technologies AG IPAC-X Datasheet HTML 47Page - Infineon Technologies AG IPAC-X Datasheet HTML 48Page - Infineon Technologies AG IPAC-X Datasheet HTML 49Page - Infineon Technologies AG IPAC-X Datasheet HTML 50Page - Infineon Technologies AG IPAC-X Datasheet HTML 51Page - Infineon Technologies AG IPAC-X Datasheet HTML 52Page - Infineon Technologies AG IPAC-X Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 270 page
background image
IPAC-X
PSB/PSF 21150
Description of Functional Blocks
Data Sheet
49
2003-01-30
Figure 18
Wiring Configurations in User Premises
21150_20
IPAC-X
IPAC-X
TR
TE
TR
LT-S
£ 1000 m 1)
IPAC-X
IPAC-X
TR
LT-T
TR
NT
£ 1000 m 1)
Point-to-Point
Configurations
IPAC-X
TR
TR
NT / LT-S
£ 100 m
IPAC-X
IPAC-X
TR
TE1
TR
NT / LT-S
£ 10 m
Extended
Passive Bus
IPAC-X
TE8
£ 25 m
£ 500 m
....
IPAC-X
TE1
£ 10 m
IPAC-X
TE8
....
Short
Passive Bus
TR: Terminating Resistor
1) The maximum line attenuation tolerated by the IPAC-X is 7 dB at 96 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com