Electronic Components Datasheet Search
  English  ▼

X  

IPAC-X Datasheet(PDF) 37 Page - Infineon Technologies AG

Part # IPAC-X
Description  ISDN PC Adapter Circuit
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPAC-X Datasheet(HTML) 37 Page - Infineon Technologies AG

Back Button IPAC-X Datasheet HTML 33Page - Infineon Technologies AG IPAC-X Datasheet HTML 34Page - Infineon Technologies AG IPAC-X Datasheet HTML 35Page - Infineon Technologies AG IPAC-X Datasheet HTML 36Page - Infineon Technologies AG IPAC-X Datasheet HTML 37Page - Infineon Technologies AG IPAC-X Datasheet HTML 38Page - Infineon Technologies AG IPAC-X Datasheet HTML 39Page - Infineon Technologies AG IPAC-X Datasheet HTML 40Page - Infineon Technologies AG IPAC-X Datasheet HTML 41Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 270 page
background image
IPAC-X
PSB/PSF 21150
Description of Functional Blocks
Data Sheet
37
2003-01-30
Header 40H: Non-interleaved A-D-A-D Sequences
The non-interleaved A-D-A-D sequence gives direct read/write access to the complete
address range and can have any length. In this mode SDX and SDR can be connected
together allowing data transmission on one line.
Example for a read/write access with header 40H:
Header 48H: Interleaved A-D-A-D Sequences
The interleaved A-D-A-D sequence gives direct read/write access to the complete
address range and can have any length. This mode allows a time optimized access to
the registers by interleaving the data on SDX and SDR (SDR and SDX must not be
connected together).
Example for a read/write access with header 48H:
Header 43H: Read-/Write- only A-D-D-D Sequence (Constant Address)
This mode can be used for a fast access to the HDLC FIFO data. Any address (rdadr,
wradr) in the range 00H-1FH and 6AH/7AH gives access to the current FIFO location
selected by an internal pointer which is automatically incremented with every data byte
following the first address byte. The sequence can have any length and is terminated by
the rising edge of CS.
Example for a write access with header 43H:
Example for a read access with header 43H:
SDR
header wradr
wrdata
rdadr
rdadr
wradr
wrdata
SDX
rddata
rdata
SDR
header wradr
wrdata
rdadr
rdadr
wradr
wrdata
SDX
rddata rddata
SDR
header wradr
wrdata
(wradr)
wrdata
(wradr)
wrdata
(wradr)
wrdata
(wradr)
wrdata
(wradr)
wrdata
(wradr)
wrdata
(wradr)
SDX
SDR
header
rdadr
SDX
rddata
(rdadr)
rddata
(rdadr)
rddata
(rdadr)
rddata
(rdadr)
rddata
(rdadr)
rddata
(rdadr)
rddata
(rdadr)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com