Electronic Components Datasheet Search
  English  ▼

X  

IPAC-X Datasheet(PDF) 71 Page - Infineon Technologies AG

Part # IPAC-X
Description  ISDN PC Adapter Circuit
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPAC-X Datasheet(HTML) 71 Page - Infineon Technologies AG

Back Button IPAC-X Datasheet HTML 67Page - Infineon Technologies AG IPAC-X Datasheet HTML 68Page - Infineon Technologies AG IPAC-X Datasheet HTML 69Page - Infineon Technologies AG IPAC-X Datasheet HTML 70Page - Infineon Technologies AG IPAC-X Datasheet HTML 71Page - Infineon Technologies AG IPAC-X Datasheet HTML 72Page - Infineon Technologies AG IPAC-X Datasheet HTML 73Page - Infineon Technologies AG IPAC-X Datasheet HTML 74Page - Infineon Technologies AG IPAC-X Datasheet HTML 75Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 270 page
background image
IPAC-X
PSB/PSF 21150
Description of Functional Blocks
Data Sheet
71
2003-01-30
3.4.1
Description of the Receive PLL (DPLL)
The receive PLL performs phase tracking between the F/L transition of the receive signal
and the recovered clock. Phase adjustment is done by adding or subtracting 0.5 or 1
XTAL period to or from a 1.536-MHz clock cycle. The 1.536-MHz clock is than used to
generate any other clock synchronized to the line.
During (re)synchronization an internal reset condition may effect the 1.536-MHz clock to
have high or low times as short as 130 ns. After the S/T interface frame has achieved
the synchronized state (after three consecutive valid pairs of code violations) the FSC
output in TE mode is set to a specific phase relationship, thus causing once an irregular
FSC timing.
The phase relationships of the clocks are shown in Figure 38.
Figure 38
Phase Relationships of IPAC-X Clock Signals
3.4.2
Jitter
The timing extraction jitter of the IPAC-X conforms to ITU-T Recommendation I.430
(– 7% to + 7% of the S-interface bit period).
ITD09664
7.68 MHz
1536 kHz *
768 kHz
* Synchronous to receive S/T. Duty Ratio 1:1 Normally
F-bit
FSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com