Electronic Components Datasheet Search
  English  ▼

X  

IPAC-X Datasheet(PDF) 83 Page - Infineon Technologies AG

Part # IPAC-X
Description  ISDN PC Adapter Circuit
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPAC-X Datasheet(HTML) 83 Page - Infineon Technologies AG

Back Button IPAC-X Datasheet HTML 79Page - Infineon Technologies AG IPAC-X Datasheet HTML 80Page - Infineon Technologies AG IPAC-X Datasheet HTML 81Page - Infineon Technologies AG IPAC-X Datasheet HTML 82Page - Infineon Technologies AG IPAC-X Datasheet HTML 83Page - Infineon Technologies AG IPAC-X Datasheet HTML 84Page - Infineon Technologies AG IPAC-X Datasheet HTML 85Page - Infineon Technologies AG IPAC-X Datasheet HTML 86Page - Infineon Technologies AG IPAC-X Datasheet HTML 87Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 270 page
background image
IPAC-X
PSB/PSF 21150
Description of Functional Blocks
Data Sheet
83
2003-01-30
3.5.2.2
States (LT-S)
G1 Deactivated
The transceiver is not transmitting. There is no signal detected on the S/T-interface, and
no activation command is received in the C/I channel. The clocks are deactivated if
MODE1-CFS is set to 1. Activation is possible from the S/T interface and from the IOM-2
interface.
G2 Pending Activation
As a result of an INFO 0 detected on the S/T line or an ARD command, the transceiver
begins transmitting INFO 2 and waits for reception of INFO 3. The timer to supervise
reception of INFO 3 is to be implemented in software. In case of an ARL command, loop
2 is closed.
G3 Activated
Normal state where INFO 4 is transmitted to the S/T-interface. The transceiver remains
in this state as long as neither a deactivation nor a test mode is requested, nor the
receiver looses synchronism.
When receiver synchronism is lost, INFO 2 is sent automatically. After reception of
INFO 3, the transmitter keeps on sending INFO 4.
G2 Lost Framing
This state is reached when the transceiver has lost synchronism in the state G3
activated.
G4 Pending Deactivation
This state is triggered by a deactivation request DR. It is an unstable state: indication DI
(state “G4 wait for DR.”) is issued by the transceiver when:
either INFO0 is received for a duration of 16 ms,
or an internal timer of 32 ms expires.
G4 Wait for DR
Final state after a deactivation request. The transceiver remains in this state until DC is
issued.
Unconditional States
Test Mode - SSP
Single alternating pulses are sent on the S/T-interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com