Electronic Components Datasheet Search
  English  ▼

X  

IPAC-X Datasheet(PDF) 65 Page - Infineon Technologies AG

Part # IPAC-X
Description  ISDN PC Adapter Circuit
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPAC-X Datasheet(HTML) 65 Page - Infineon Technologies AG

Back Button IPAC-X Datasheet HTML 61Page - Infineon Technologies AG IPAC-X Datasheet HTML 62Page - Infineon Technologies AG IPAC-X Datasheet HTML 63Page - Infineon Technologies AG IPAC-X Datasheet HTML 64Page - Infineon Technologies AG IPAC-X Datasheet HTML 65Page - Infineon Technologies AG IPAC-X Datasheet HTML 66Page - Infineon Technologies AG IPAC-X Datasheet HTML 67Page - Infineon Technologies AG IPAC-X Datasheet HTML 68Page - Infineon Technologies AG IPAC-X Datasheet HTML 69Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 270 page
background image
IPAC-X
PSB/PSF 21150
Description of Functional Blocks
Data Sheet
65
2003-01-30
3.3.7.2
S-Transceiver Synchronization
Synchronization problems can occur on a S-Bus that is not terminated properly.
Therefore, it is recommended to change the resistor values in the receive path. The sum
of both resistors is increased from 10 k
W (1.8 + 8.2) to e.g. 34 kW (6.8 + 27) for either
receiver line. This change is possible but not necessary for a S-Bus that is terminated
properly.
Figure 34
External Circuitry for Symmetrical Receivers
Note: Lower or higher values than 34 k
W may be used as well, however for values above
34 k
W the additional delay must be compensated by setting TR_CONF2.PDS=1
(compensates 260 ns) so the allowed input phase delay is not violated.
3.3.8
S/T Interface Delay Compensation (TE/LT-T Mode)
The S/T transmitter is shifted by two S/T bits minus 7 oscillator periods (plus analog
delay plus delay of the external circuitry) with respect to the received frame. To
compensate additional delay introduced into the receive and transmit path by the
external circuit the delay of the transmit data can be reduced by another two oscillator
periods (2 x 130 ns). Therefore PDS of the TR_CONF2 register must be programmed to
’1’. This delay compensation might be necessary in order to comply with the "total phase
deviation input to output" requirement of ITU-T recommendation I.430 which specifies a
phase deviation in the range of – 7% to + 15% of a bit period.
3.3.9
Level Detection Power Down
If MODE1.CFS is set to ’0’, the clocks are also provided in power down state, whereas
if CFS is set to ’1’ only the analog level detector is active in power down state. All clocks,
including the IOM-2 interface, are stopped (DD, DU are ’high’, DCL and BCL are ’low’).
Note: Capacitors (up to 10 pF) are optional for noise reduction.
21150_33
1:1
S Bus
SR2
SR1
GND
V
DD
R1
R2
R1
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com