Electronic Components Datasheet Search
  English  ▼

X  

IPAC-X Datasheet(PDF) 79 Page - Infineon Technologies AG

Part # IPAC-X
Description  ISDN PC Adapter Circuit
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPAC-X Datasheet(HTML) 79 Page - Infineon Technologies AG

Back Button IPAC-X Datasheet HTML 75Page - Infineon Technologies AG IPAC-X Datasheet HTML 76Page - Infineon Technologies AG IPAC-X Datasheet HTML 77Page - Infineon Technologies AG IPAC-X Datasheet HTML 78Page - Infineon Technologies AG IPAC-X Datasheet HTML 79Page - Infineon Technologies AG IPAC-X Datasheet HTML 80Page - Infineon Technologies AG IPAC-X Datasheet HTML 81Page - Infineon Technologies AG IPAC-X Datasheet HTML 82Page - Infineon Technologies AG IPAC-X Datasheet HTML 83Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 270 page
background image
IPAC-X
PSB/PSF 21150
Description of Functional Blocks
Data Sheet
79
2003-01-30
3.5.1.3
C/I Codes (TE, LT-T)
Note: In the activated states (AI8, AI10 or AIL indication) the 2B+D channels are only
transferred transparently to the S/T interface if one of the three “Activation
Request” commands is permanently issued.
Command
Abbr. Code Remark
Activation Request with
priority class 8
AR8
1000
Activation requested by the IPAC-X, D-
channel priority set to 8 (see note).
Activation Request with
priority class 10
AR10 1001
Activation requested by the IPAC-X, D-
channel priority set to 10 (see note).
Activation Request Loop
ARL
1010
Activation requested for the internal or
external Loop A (see note).
For a non transparent internal loop bit
DIS_TX of register TR_CONF2 has to be set
to ’1’ additionally.
Deactivation Indication
DI
1111
Deactivation Indication.
Reset
RES
0001
Reset of the layer-1 state machine.
Timing
TIM
0000
Layer-2 device requires clocks to be
activated.
Test mode SSP
SSP
0010
One AMI-coded pulse transmitted in each
frame, resulting in a frequency of the
fundamental mode of 2 kHz.
Test mode SCP
SCP
0011
AMI-coded pulses transmitted continuously,
resulting in a frequency of the fundamental
mode of 96 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com