Electronic Components Datasheet Search
  English  ▼

X  

IPAC-X Datasheet(PDF) 100 Page - Infineon Technologies AG

Part # IPAC-X
Description  ISDN PC Adapter Circuit
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPAC-X Datasheet(HTML) 100 Page - Infineon Technologies AG

Back Button IPAC-X Datasheet HTML 96Page - Infineon Technologies AG IPAC-X Datasheet HTML 97Page - Infineon Technologies AG IPAC-X Datasheet HTML 98Page - Infineon Technologies AG IPAC-X Datasheet HTML 99Page - Infineon Technologies AG IPAC-X Datasheet HTML 100Page - Infineon Technologies AG IPAC-X Datasheet HTML 101Page - Infineon Technologies AG IPAC-X Datasheet HTML 102Page - Infineon Technologies AG IPAC-X Datasheet HTML 103Page - Infineon Technologies AG IPAC-X Datasheet HTML 104Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 270 page
background image
IPAC-X
PSB/PSF 21150
Description of Functional Blocks
Data Sheet
100
2003-01-30
.
Figure 52
Data Access via CDAx1 and CDAx2 Register Pairs
Looping and Shifting Data
Figure 53 gives examples for typical configurations with the above explained control and
configuration possibilities with the bits TSS, DPS, EN and SWAP in the registers
TSDPxy or CDAx_CR:
a) Looping IOM-2 time slot data from DU to DD or vice versa (SWAP = 0)
b) Shifting data from TSa to TSb and TSc to TSd in both transmission directions (SWAP
= 1)
c) Switching data from TSa to TSb and looping from DU to DD or TSc to TSd and looping
from DD to DU respectively
TSa is programmed in TSDP10, TSb in TSDP11, TSc in TSDP20 and TSd in TSDP21.
It should also be noted that the input control of CDA registers is swapped if SWAP=1
while the output control is not affected (e.g. for CDA11 in example a: EN_I1=1 and
EN_O1=1, whereas for CDA11 in example b: EN_I0=1 and EN_O1=1).
DU
CDAx1
Control
Register
CDA_CRx
DD
1
1
Input
Swap
(SWAP)
1
x = 1 or 2; a,b = 0...11
0
1
0
1
IOM_HAND.FM4
1
0
1
1
Enable
input *
(EN_O0)
output
1
0
CDAx0
1
(EN_I0)
(EN_I1)
input *
Enable
output
(EN_O1)
TSa
TSa
TSb
TSb
*) In the normal mode (SWAP=0) the input of CDAx0 and CDAx1 is enabled via EN_I0 and
EN_I1, respectively. If SWAP=1 EN_I0 controls the input of CDAx1 and EN_I1 controls the
input of CDAx0. The output control (EN_O0 and EN_O1) is not affected by SWAP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com