Electronic Components Datasheet Search
  English  ▼

X  

IPAC-X Datasheet(PDF) 102 Page - Infineon Technologies AG

Part # IPAC-X
Description  ISDN PC Adapter Circuit
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPAC-X Datasheet(HTML) 102 Page - Infineon Technologies AG

Back Button IPAC-X Datasheet HTML 98Page - Infineon Technologies AG IPAC-X Datasheet HTML 99Page - Infineon Technologies AG IPAC-X Datasheet HTML 100Page - Infineon Technologies AG IPAC-X Datasheet HTML 101Page - Infineon Technologies AG IPAC-X Datasheet HTML 102Page - Infineon Technologies AG IPAC-X Datasheet HTML 103Page - Infineon Technologies AG IPAC-X Datasheet HTML 104Page - Infineon Technologies AG IPAC-X Datasheet HTML 105Page - Infineon Technologies AG IPAC-X Datasheet HTML 106Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 270 page
background image
IPAC-X
PSB/PSF 21150
Description of Functional Blocks
Data Sheet
102
2003-01-30
Figure 54 shows the timing of looping TSa from DU to DD (a = 0...11) via CDAxy
register. TSa is read in the CDAxy register from DU and is written one frame later on DD.
.
Figure 54
Data Access when Looping TSa from DU to DD
Figure 55 shows the timing of shifting data from TSa to TSb on DU(DD). In Figure 55a)
shifting is done in one frame because TSa and TSb didn’t succeed direct one another
(a,b = 0...9 and b
³ a+2. In Figure 55b) shifting is done from one frame to the following
frame. This is the case when the time slots succeed one other (b = a+1) or b is smaller
than a (b < a).
At looping and shifting the data can be accessed by the controller between the
synchronous transfer interrupt (STI) and the status overflow interrupt (STOV). STI and
STOV are explained in the section ’Synchronous Transfer’. If there is no controller
intervention the looping and shifting is done autonomous.
TSa
DU
TSa
FSC
CDAxy
µC
TSa
DD
TSa
a = 0...11
*) if access by the µC is required
*)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com