Electronic Components Datasheet Search
  English  ▼

X  

IPAC-X Datasheet(PDF) 31 Page - Infineon Technologies AG

Part # IPAC-X
Description  ISDN PC Adapter Circuit
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPAC-X Datasheet(HTML) 31 Page - Infineon Technologies AG

Back Button IPAC-X Datasheet HTML 27Page - Infineon Technologies AG IPAC-X Datasheet HTML 28Page - Infineon Technologies AG IPAC-X Datasheet HTML 29Page - Infineon Technologies AG IPAC-X Datasheet HTML 30Page - Infineon Technologies AG IPAC-X Datasheet HTML 31Page - Infineon Technologies AG IPAC-X Datasheet HTML 32Page - Infineon Technologies AG IPAC-X Datasheet HTML 33Page - Infineon Technologies AG IPAC-X Datasheet HTML 34Page - Infineon Technologies AG IPAC-X Datasheet HTML 35Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 270 page
background image
IPAC-X
PSB/PSF 21150
Pin Configuration
Data Sheet
31
2003-01-30
58
MODE1
EAW
I
I
The pin function depends on the setting of MODE0.
If MODE0=1: Mode 1 Select
A LOW selects LT-T mode and a HIGH selects LT-
S mode.
If MODE0=0: External Awake
If a falling edge on this input is detected, the IPAC-
X generates an interrupt and, if enabled, a reset
pulse.
59
ACL
O
Activation LED
This pin can either function as a programmable
output or it can automatically indicate the activated
state of the S interface by a logic ’0’.
An LED with pre-resistance may directly be
connected to ACL.
27
C768
O
Clock Output
A 7.68 MHz clock is output to support other devices.
This clock is not synchronous to the S interface.
6RSTO
OD
Reset Output
Low active reset output, either from a watchdog
timeout or programmed by the host.
4TP
I
Test Pin
Must be connected to
V
SS.
2, 42
n.c.
I
not connected
Power Supply
8, 18, 33,
56
V
DD
–
Digital Power Supply Voltage
(3.3 V
± 5%)
46
V
DDA
–
Analog Power Supply Voltage
(3.3 V
± 5%)
Table 2
IPAC-X Pin Definitions and Functions (cont’d)
Pin No.
MQFP-64
TQFP-64
Symbol Input (I)
Output (O)
Open Drain
(OD)
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com