Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 180 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 180 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 176Page - Advanced Micro Devices CS5530A Datasheet HTML 177Page - Advanced Micro Devices CS5530A Datasheet HTML 178Page - Advanced Micro Devices CS5530A Datasheet HTML 179Page - Advanced Micro Devices CS5530A Datasheet HTML 180Page - Advanced Micro Devices CS5530A Datasheet HTML 181Page - Advanced Micro Devices CS5530A Datasheet HTML 182Page - Advanced Micro Devices CS5530A Datasheet HTML 183Page - Advanced Micro Devices CS5530A Datasheet HTML 184Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 259 page
background image
180
AMD Geode™ CS5530A Companion Device Data Book
Register Descriptions
Revision 1.1
5.3.2
SMI Status and ACPI Timer Registers - Function 1
The register space for the SMI status and ACPI Timer reg-
isters is divided into two sections. The first section is used
to configure the PCI portion of this support hardware. A
Base Address Register at F1 Index 10h (F1BAR) points to
the base address of where the second portion of the regis-
ter space is located. This second section contains the SMI
status and ACPI timer support registers.
Note:
The ACPI Timer Count Register is accessible
through F1BAR+Memory Offset 1Ch and I/O Port
121Ch.
Table 5-16 shows the PCI header registers of F1. The
memory mapped registers accessed through F1BAR are
shown in Table 5-17.
If the Power Management Configuration Trap bit (F0 Index
41h[3]) is enabled, an access to the PCI header registers
causes an SMI. Access through F1BAR is not affected by
this bit.
Table 5-16. F1 Index xxh: PCI Header Registers for SMI Status and ACPI Timer
Bit
Description
Index 00h-01h
Vendor Identification Register (RO)
Reset Value = 1078h
Index 02h-03h
Device Identification Register (RO)
Reset Value = 0101h
Index 04h-05h
PCI Command Register (R/W)
Reset Value = 0000h
15:2
Reserved (Read Only)
1
Memory Space: Allow CS5530A to respond to memory cycles from the PCI bus. 0 = Disable; 1 = Enable.
This bit must be enabled to access memory offsets through F1BAR (F1 Index 10h).
0
Reserved (Read Only)
Index 06h-07h
PCI Status Register (RO)
Reset Value = 0280h
Index 08h
Device Revision ID Register (RO)
Reset Value = 00h
Index 09h-0Bh
PCI Class Code Register (RO)
Reset Value = 068000h
Index 0Ch
PCI Cache Line Size Register (RO)
Reset Value = 00h
Index 0Dh
PCI Latency Timer Register (RO)
Reset Value = 00h
Index 0Eh
PCI Header Type (RO)
Reset Value = 00h
Index 0Fh
PCI BIST Register (RO)
Reset Value = 00h
Index 10h-13h
Base Address Register — F1BAR (R/W)
Reset Value = 00000000h
This register sets the base address of the memory mapped SMI status and ACPI timer related registers. Bits [7:0] are read only (00h),
indicating a 256-byte memory address range. Refer to Table 5-17 for the SMI status and ACPI timer registers bit formats and reset val-
ues. The upper 16 bytes are always mapped to the ACPI timer, and are always memory mapped.
Note: The ACPI Timer Count Register is accessible through F1BAR+Memory Offset 1Ch and I/O Port 121Ch.
31:8
SMI Status/Power Management Base Address
7:0
Address Range (Read Only)
Index 14h-3Fh
Reserved
Reset Value = 00h
Index 40h-FFh
Reserved
Reset Value = xxh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com