Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 192 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 192 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 188Page - Advanced Micro Devices CS5530A Datasheet HTML 189Page - Advanced Micro Devices CS5530A Datasheet HTML 190Page - Advanced Micro Devices CS5530A Datasheet HTML 191Page - Advanced Micro Devices CS5530A Datasheet HTML 192Page - Advanced Micro Devices CS5530A Datasheet HTML 193Page - Advanced Micro Devices CS5530A Datasheet HTML 194Page - Advanced Micro Devices CS5530A Datasheet HTML 195Page - Advanced Micro Devices CS5530A Datasheet HTML 196Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 259 page
background image
192
AMD Geode™ CS5530A Companion Device Data Book
Register Descriptions
Revision 1.1
10
Sound Card or FM Trap SMI Status (Read to Clear): SMI was caused by a trapped I/O access to the sound card or FM I/
O Trap? 0 = No; 1 = Yes. (Note)
Fast Path Write must be disabled, F3BAR+Memory Offset 18h[11] = 0, for the SMI to be reported here. If Fast Path Write is
enabled, the SMI is reported in bit 13 of this register.
This is the third level of SMI status reporting.
The second level of SMI status is reported at F3BAR+Memory Offset 10h/12h[0].
The top level is reported at F1BAR+Memory Offset 00h/02h[1].
SMI generation enabling is at F3BAR+Memory Offset 18h[2].
9:0
X-Bus Address (Read Only): Bits [9:0] contain the captured ten bits of X-Bus address.
Note: For the four SMI status bits (bits [13:10]), if the activity was a fast write to an even address, no SMI is generated regardless of the
DMA, MPU, or sound card status. If the activity was a fast write to an odd address, an SMI is generated but bit 13 is set to a 1.
Offset 18h-19h
I/O Trap SMI Enable Register (R/W)
Reset Value = 0000h
15:12
Reserved: Set to 0.
11
Fast Path Write Enable: Fast Path Write (an SMI is not generated on certain writes to specified addresses).
0 = Disable; 1 = Enable.
In Fast Path Write, the CS5530A responds to writes to the following addresses: 388h, 38Ah and 38Bh; 2x0h, 2x2h, and
2x8h.
10:9
Fast Read: These two bits hold part of the response that the CS5530A returns for reads to several I/O locations.
8
High DMA I/O Trap: 0 = Disable; 1 = Enable.
If this bit is enabled and an access occurs at I/O Port C0h-DFh, an SMI is generated.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[1].
Second level SMI status is reported at F3BAR+Memory Offset 10h/12h[0].
Third level SMI status is reported at F3BAR+Memory Offset 14h[12].
7
Low DMA I/O Trap: 0 = Disable; 1 = Enable.
If this bit is enabled and an access occurs at I/O Port 00h-0Fh, an SMI is generated.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[1].
Second level SMI status is reported at F3BAR+Memory Offset 10h/12h[0].
Third level SMI status is reported at F3BAR+Memory Offset 14h[12].
6
High MPU I/O Trap: 0 = Disable; 1 = Enable.
If this bit is enabled and an access occurs at I/O Port 330h and 331h, an SMI is generated.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[1].
Second level SMI status is reported at F3BAR+Memory Offset 10h/12h[0].
Third level SMI status is reported at F3BAR+Memory Offset 14h[11].
5
Low MPU I/O Trap: I0 = Disable; 1 = Enable.
If this bit is enabled and an access occurs at I/O Port 300h and 301h, an SMI is generated.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[1].
Second level SMI status is reported at F3BAR+Memory Offset 10h/12h[0].
Third level SMI status is reported at F3BAR+Memory Offset 14h[11].
4
Fast Path Read Enable/SMI Disable: Read Fast Path (an SMI is not generated on reads from specified addresses).
0 = Disable; 1 = Enable.
In Fast Path Read the CS5530A responds to reads of the following addresses: 388h-38Bh; 2x0h, 2x1h, 2x2h, 2x3h, 2x8h
and 2x9h.
Note that if neither sound card nor FM I/O mapping is enabled, then status read trapping is not possible.
3
FM I/O Trap: 0 = Disable; 1 = Enable.
If this bit is enabled and an access occurs at I/O Port 388h to 38Bh, an SMI is generated.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[1].
Second level SMI status is reported at F3BAR+Memory Offset 10h/12h[0].
2
Sound Card I/O Trap: 0 = Disable; 1 = Enable
If this bit is enabled and an access occurs in the address ranges selected by bits [1:0], an SMI is generated.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[1].
Second level SMI status is reported at F3BAR+Memory Offset 10h/12h[0].
Third level SMI status is reported at F3BAR+Memory Offset 14h[10].
1:0
Sound Card Address Range Select: These bits select the address range for the sound card I/O trap.
00 = I/O Port 220h-22Fh
10 = I/O Port 260h-26Fh
01 = I/O Port 240h-24Fh
11 = I/O Port 280h-28Fh
Table 5-21. F3BAR+Memory Offset xxh: XpressAUDIO™ Subsystem Configuration Registers (Contin-
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com