Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 193 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 193 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 189Page - Advanced Micro Devices CS5530A Datasheet HTML 190Page - Advanced Micro Devices CS5530A Datasheet HTML 191Page - Advanced Micro Devices CS5530A Datasheet HTML 192Page - Advanced Micro Devices CS5530A Datasheet HTML 193Page - Advanced Micro Devices CS5530A Datasheet HTML 194Page - Advanced Micro Devices CS5530A Datasheet HTML 195Page - Advanced Micro Devices CS5530A Datasheet HTML 196Page - Advanced Micro Devices CS5530A Datasheet HTML 197Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
193
Register Descriptions
Revision 1.1
Offset 1Ah-1Bh
Internal IRQ Enable Register (R/W)
Reset Value = 0000h
15
IRQ15 Internal: Configure IRQ15 for internal (software) or external (hardware) use. 0 = External; 1 = Internal.
14
IRQ14 Internal: Configure IRQ14 for internal (software) or external (hardware) use. 0 = External; 1 = Internal.
13
Reserved: Set to 0.
12
IRQ12 Internal: Configure IRQ12 for internal (software) or external (hardware) use. 0 = External; 1 = Internal.
11
IRQ11 Internal: Configure IRQ11 for internal (software) or external (hardware) use. 0 = External; 1 = Internal.
10
IRQ10 Internal: Configure IRQ10 for internal (software) or external (hardware) use. 0 = External; 1 = Internal.
9
IRQ9 Internal: Configure IRQ9 for internal (software) or external (hardware) use. 0 = External; 1 = Internal.
8
Reserved: Set to 0.
7
IRQ7 Internal: Configure IRQ7 for internal (software) or external (hardware) use. 0 = External; 1 = Internal.
6
Reserved: Set to 0.
5
IRQ5 Internal: Configure IRQ5 for internal (software) or external (hardware) use. 0 = External; 1 = Internal.
4
IRQ4 Internal: Configure IRQ4 for internal (software) or external (hardware) use. 0 = External; 1 = Internal.
3
IRQ3 Internal: Configure IRQ3 for internal (software) or external (hardware) use. 0 = External; 1 = Internal.
2:0
Reserved: Set to 0.
Note: Must be read and written as a WORD.
Offset 1Ch-1Dh
Internal IRQ Control Register (R/W)
Reset Value = 0000h
15
Assert Masked Internal IRQ15: 0 = Disable; 1 = Enable.
14
Assert Masked Internal IRQ14: 0 = Disable; 1 = Enable.
13
Reserved: Set to 0.
12
Assert Masked Internal IRQ12: 0 = Disable; 1 = Enable.
11
Assert masked internal IRQ11: 0 = Disable; 1 = Enable.
10
Assert Masked Internal IRQ10: 0 = Disable; 1 = Enable.
9
Assert Masked Internal IRQ9: 0 = Disable; 1 = Enable.
8
Reserved: Set to 0.
7
Assert Masked Internal IRQ7: 0 = Disable; 1 = Enable.
6
Reserved: Set to 0.
5
Assert Masked Internal IRQ5: 0 = Disable; 1 = Enable.
4
Assert Masked Internal IRQ4: 0 = Disable; 1 = Enable.
3
Assert Masked Internal IRQ3: 0 = Disable; 1 = Enable.
2:0
Reserved: Set to 0.
Offset 1Eh-1Fh
Internal IRQ Mask Register (Write Only)
Reset Value = xxxxh
15
Mask Internal IRQ15: 0 = Disable; 1 = Enable.
14
Mask Internal IRQ14: 0 = Disable; 1 = Enable.
13
Reserved: Set to 0.
12
Mask Internal IRQ12: 0 = Disable; 1 = Enable.
11
Mask Internal IRQ11: 0 = Disable; 1 = Enable.
10
Mask Internal IRQ10: 0 = Disable; 1 = Enable.
9
Mask Internal IRQ9: 0 = Disable; 1 = Enable.
8
Reserved: Set to 0.
7
Mask Internal IRQ7: 0 = Disable; 1 = Enable.
6
Reserved: Set to 0.
5
Mask Internal IRQ5: 0 = Disable; 1 = Enable.
4
Mask Internal IRQ4: 0 = Disable; 1 = Enable.
3
Mask Internal IRQ3: 0 = Disable; 1 = Enable.
2:0
Reserved: Set to 0.
Table 5-21. F3BAR+Memory Offset xxh: XpressAUDIO™ Subsystem Configuration Registers (Contin-
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com