Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 202 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 202 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 198Page - Advanced Micro Devices CS5530A Datasheet HTML 199Page - Advanced Micro Devices CS5530A Datasheet HTML 200Page - Advanced Micro Devices CS5530A Datasheet HTML 201Page - Advanced Micro Devices CS5530A Datasheet HTML 202Page - Advanced Micro Devices CS5530A Datasheet HTML 203Page - Advanced Micro Devices CS5530A Datasheet HTML 204Page - Advanced Micro Devices CS5530A Datasheet HTML 205Page - Advanced Micro Devices CS5530A Datasheet HTML 206Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 259 page
background image
202
AMD Geode™ CS5530A Companion Device Data Book
Register Descriptions
Revision 1.1
Offset 24h-27h
DOT Clock Configuration Register (R/W)
Reset Value = 00000000h
31
Feedback Reset: Reset the PLL postscaler and feedback divider. 0 = Normal operation; 1 = Reset.
A more comprehensive reset description is provided in bit 8.
30
Half Clock: 0 = Enable; 1 = Disable.
For odd post divisors, half clock enables the falling edge of the VCO clock to be used to generate the falling edge of the post
divider output to more closely approximate a 50% output duty cycle.
29
Reserved: Set to 0.
28:24
5-Bit DCLK PLL Post Divisor (PD) Value: Selects value of 1 to 31.
00000 = PD divisor of 8
01000 = PD divisor of 10
10000 = PD divisor of 9
11000 = PD divisor of 11
00001 = PD divisor of 6
01001 = PD divisor of 20
10001 = PD divisor of 7
11001 = PD divisor of 21
00010 = PD divisor of 18
01010 = PD divisor of 14
10010 = PD divisor of 19
11010 = PD divisor of 15
00011 = PD divisor of 4
01011 = PD divisor of 26
10011 = PD divisor of 5
11011 = PD divisor of 27
00100 = PD divisor of 12
01100 = PD divisor of 22
10100 = PD divisor of 13
11100 = PD divisor of 23
00101 = PD divisor of 16
01101 = PD divisor of 28
10101 = PD divisor of 17
11101 = PD divisor of 29
00110 = PD divisor of 24
01110 = PD divisor of 30
10110 = PD divisor of 25
11110 = PD divisor of 31
00111 = PD divisor of 2
01111 = PD divisor of 1*
10111 = PD divisor of 3
11111 = Reserved
*See bit 11 description.
23
Plus 1 (+1): Adds 1 or 0 to FD (DCLK PLL VCO Feedback Divisor) parameter in equation (see Note).
0 = Add 0 to FD; 1 = Add 1 to FD.
22:12
N: This bit represents “N” in the equation (see Note). It is used to solve the value of FD (DCLK PLL VCO feedback divisor).
N can be a value of 1 to 400. For all values of N, refer to Table 5-24 on page 204.
11
CLK_ON: 0 = PLL disable; 1 = PLL enable. If PD = 1 (i.e., bits [28:24] = 01111) the PLL is always enabled and cannot be
disabled by this bit.
10
DOT Clock Select: 0 = DCLK; 1 = TV_CLK.
9
Reserved: Set to 0
8
Bypass PLL: Connects the input of the PLL directly to the output of the PLL. 0 = Normal Operation; 1 = Bypass PLL.
If this bit is set to 1, the input of the PLL bypasses the PLL and resets the VCO control voltage, which in turn powers down
the PLL. Allow 0.5 ms for the control voltage to be driven to 0V.
7:6
Reserved: Set to 0.
5
Reserved (Read Only): Write as read
4:3
Reserved: Set to 0.
2:0
PLL Input Divide (ID) Value: Selects value of 2 to 9 (see Note).
000 = ID divisor of 2
100 = ID divisor of 6
001 = ID divisor of 3
101 = ID divisor of 7
010 = ID divisor of 4
110 = ID divisor of 8
011 = ID divisor of 5
111 = ID divisor of 9
Note:
To calculate DCLK output frequency:
Equation #1: DCLK = [CLK_14MHZ * FD] ÷ [PD *ID]
Condition: 140 MHz < [DCLK * PD] < 300 MHz
Where:
CLK_14MHZ is pin P24
FD is derived from N see equation #2 and #3
PD is derived from bits [28:24]
ID is derived from bits [2:0]
Equation #2: If FD is an odd number then: FD = 2*N +1
Equation #3: If FD is an even number then: FD = 2*N +0
Where:
N is derived from bits [22:12]
+1 is achieved by setting bit 23 to 1.
+0 is achieved by clearing bit 23 to 0.
Table 5-23. F4BAR+Memory Offset xxh: Video Controller Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com