Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 203 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 203 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 199Page - Advanced Micro Devices CS5530A Datasheet HTML 200Page - Advanced Micro Devices CS5530A Datasheet HTML 201Page - Advanced Micro Devices CS5530A Datasheet HTML 202Page - Advanced Micro Devices CS5530A Datasheet HTML 203Page - Advanced Micro Devices CS5530A Datasheet HTML 204Page - Advanced Micro Devices CS5530A Datasheet HTML 205Page - Advanced Micro Devices CS5530A Datasheet HTML 206Page - Advanced Micro Devices CS5530A Datasheet HTML 207Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
203
Register Descriptions
Revision 1.1
Offset 28h-2Bh
CRC Signature and TFT/TV Configuration Register (R/W)
Reset Value = 00000100h
31:8
24-Bit Video Signature Data (Read Only)
7
SYNC Override: Drive VSYNC_OUT on FP_VSYNC_OUT and HSYNC_OUT on FP_HSYNC_OUT.
0 = Disable; 1 = Enable.
6
Invert FP_CLK: 0 = Disable; 1 = Enable. (Applicable for TV not TFT.)
5
Invert FP_CLK_EVEN: 0 = Disable; 1 = Enable.
4
Reserved (Read Only)
3
Signature Source Select: 0 = RGB data; 1 = FP data. (FP data occupies the top 6 bits of each color byte to the signature,
with the bottom two bits always zero.)
2
Signature Free Run: 0 = Disable; 1 = Enable.
When high, with the signature enabled, the signature generator captures data continuously across multiple frames. This bit
may be set high when the signature is started, then later set low, which causes the signature generation process to stop at
the end of the current frame.
1
FP_HSYNC_OUT Delay: 0 = Disable; 1 = Enable. (Applicable for TFT not TV.)
When SYNC Override (bit 7) is high, this bit (bit 1) can be set high to delay FP_HSYNC_OUT by an extra two clock cycles.
When the SYNC Override (bit 7) is low, this bit should also be set low.
0
Signature Enable: 0 = Disable; 1= Enable.
When low, the signature register is reset to 000001h and held (no capture). When high, the signature register captures the
pixel data signature with each pixel clock beginning with the next vsync.
Offset 2Ch-FFh
Reserved
Reset Value = xxh
Table 5-23. F4BAR+Memory Offset xxh: Video Controller Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com