Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 206 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 206 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 202Page - Advanced Micro Devices CS5530A Datasheet HTML 203Page - Advanced Micro Devices CS5530A Datasheet HTML 204Page - Advanced Micro Devices CS5530A Datasheet HTML 205Page - Advanced Micro Devices CS5530A Datasheet HTML 206Page - Advanced Micro Devices CS5530A Datasheet HTML 207Page - Advanced Micro Devices CS5530A Datasheet HTML 208Page - Advanced Micro Devices CS5530A Datasheet HTML 209Page - Advanced Micro Devices CS5530A Datasheet HTML 210Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 259 page
background image
206
AMD Geode™ CS5530A Companion Device Data Book
Register Descriptions
Revision 1.1
7
Fast Back-to-Back Capable (Read Only): USB does support fast back-to-back transactions when the transactions are not
to the same agent. This bit is always 1.
6:0
Reserved: Set to 0.
Note: The PCI specification defines this register to record status information for PCI related events. This is a read/write register. How-
ever, writes can only reset bits. A bit is reset whenever the register is written and the data in the corresponding bit location is a 1.
Index 08h
Device Revision ID Register (RO)
Reset Value = 06h
Index 09h-0Bh
PCI Class Code Register (RO)
Reset Value = 0C0310h
This register identifies this function as an OpenHCI device. The base class is 0Ch (serial bus controller). The sub class is 03h (universal
serial bus). The programming interface is 10h (OpenHCI).
Index 0Ch
Cache Line Size Register (R/W)
Reset Value = 00h
This register identifies the system cache line size in units of 32-bit WORDs. The USB only stores the value of bit 3 in this register since
the cache line size of 32 bytes is the only value applicable to the design. Any value other than 08h written to this register is read back as
00h.
In a CS5530A/GX1 processor based system this register must be set to 00h since the GX1 processor has a 16-byte cache line size.
Index 0Dh
Latency Timer Register (R/W)
Reset Value = 00h
This register identifies the value of the latency timer in PCI clocks for PCI bus master cycles.
Index 0Eh
Header Type Register (RO)
Reset Value = 00h
This register identifies the type of the predefined header in the configuration space. Since the USB is a single function device and not a
PCI-to-PCI bridge, this byte should be read as 00h.
Index 0Fh
BIST Register (RO)
Reset Value = 00h
This register identifies the control and status of Built In Self Test. The USB does not implement BIST, so this register is read only.
Index 10h-13h
Base Address Register (R/W)
Reset Value = 00000000h
This BAR sets the base address of the memory mapped USB controller registers. Bits [11:0] are read only (0000 0000 0000),
indicating a 4 KB memory address range. Refer to Table 5-26 for the USB controller register bit formats and reset values.
31:12
USB Controller Base Address
11:0
Address Range (Read Only)
Index 14h-3Bh
Reserved
Reset Value = xxh
Index 3Ch
Interrupt Line Register (R/W)
Reset Value = 00h
This register identifies which of the system interrupt controllers the devices interrupt pin is connected to. The value of this register is
used by device drivers and has no direct meaning to the USB.
Index 3Dh
Interrupt Pin Register (RO)
Reset Value = 01h
This register identifies which interrupt pin a device uses. Since the USB uses INTA#, this value is set to 01h.
Index 3Eh
Min. Grant Register (RO)
Reset Value = 00h
This register specifies the desired settings for how long of a burst the USB needs assuming a clock rate of 33 MHz. The value specifies
a period of time in units of 1/4 microsecond.
Index 3Fh
Max. Latency Register (RO)
Reset Value = 50h
This register specifies the desired settings for how often the USB needs access to the PCI bus assuming a clock rate of 33 MHz. The
value specifies a period of time in units of 1/4 microsecond.
Index 40h-43h
ASIC Test Mode Enable Register (R/W)
Reset Value = 000F0000h
Used for internal debug and test purposes only.
Index 44h-45h
ASIC Operational Mode Enable Register (R/W)
Reset Value = 0000h
15:9
Reserved: Read/Write 0s.
8
SIE Pipeline Disable: When set, waits for all USB bus activity to complete prior to returning completion status to the List
Processor. This is a fail-safe mechanism to avoid potential problems with the clk_dr transition between 1.5 MHz and 12
MHz.
7:1
Write Only: Read as 0s.
0
Data Buffer Region 16: When set, the size of the region for the data buffer is 16 bytes. Otherwise, the size is 32 bytes.
Table 5-25. USB Index xxh: USB PCI Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com