Electronic Components Datasheet Search
  English  ▼

X  

AD9154 Datasheet(PDF) 120 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 120 Page - Analog Devices

Back Button AD9154 Datasheet HTML 116Page - Analog Devices AD9154 Datasheet HTML 117Page - Analog Devices AD9154 Datasheet HTML 118Page - Analog Devices AD9154 Datasheet HTML 119Page - Analog Devices AD9154 Datasheet HTML 120Page - Analog Devices AD9154 Datasheet HTML 121Page - Analog Devices AD9154 Datasheet HTML 122Page - Analog Devices AD9154 Datasheet HTML 123Page - Analog Devices AD9154 Datasheet HTML 124Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 120 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 120 of 124
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x473
INITLANE-
SYNCFLG
[7:0]
INITIALLANESYNC
Initial Lane Sync Flag (from each instantiated lane).
0x0
R/W
Writing 1 to Bit 7 resets the IRQ. The associated IRQ
flag is located in Register 0x470[2].
Loss of synchronization is also reported on SYNCOUT.
Refer to the SYSREF, SYNCOUT, and the Deterministic
Latency section.
0x476
CTRLREG1
[7:0]
F_AGAIN
F is the number of octets per frame.
0x1
R/W
Settings of 1, 2, and 4 are valid. Refer to Table 15 and
Table 16.
0x477
CTRLREG2
7
ILAS_MODE
ILAS Test Mode.
0x0
R/W
Defined in Section 5.3.3.8 of JESD204B specification.
1 JESD204B receiver is constantly receiving ILAS frames.
0 Normal link operation.
[6:4]
RESERVED
Reserved.
0x0
R
3
THRESHOLD_
MASK_EN
Threshold Mask Enable. Set this bit if using
SYNC_ASSERTION_MASK (Register 0x47B[7:5]).
0x0
R/W
[2:0]
RESERVED
Reserved.
0x0
R
0x478
KVAL
[7:0]
KSYNC
Number of 4 × K multiframes during ILAS.
0x1
R/W
Sets the number of multiframes to send lane alignment
sequence during the initial lane alignment.
1 = 4 × K multiframes.
0x47A
IRQVECTOR
7
BADDIS_FLAG
Bad Disparity Error Count.
0x0
R
1 Bad disparity character count reached ERRORTHRESH
(Register 0x47C) on at least one lane. Read Register
0x46D to determine which lanes are in error.
7
BADDIS_MASK
Bad Disparity Mask.
0x0
W
1 If the bad disparity count reaches ERRORTHRESH on
any lane, IRQ is pulled low.
6
NITD_MASK
Not in Table Mask.
0x0
W
1 If the not in table character count reaches
ERRORTHRESH on any lane, IRQ is pulled low.
6
NITD_FLAG
Not in Table Error Count.
0x0
R
1 Not in table character count reached ERRORTHRESH
(Register 0x47C) on at least one lane. Read Register
0x46E to determine which lanes are in error.
5
UEKC_FLAG
Unexpected Control Character Error Count.
0x0
R
1 Unexpected control character count reached
ERRORTHRESH (0x47C) on at least one lane. Read
Register 0x46F to determine which lanes are in error.
5
UEKC_MASK
Unexpected Control Character Mask.
0x0
W
1 If the unexpected control character count reaches
ERRORTHRESH on any lane, IRQ is pulled low.
4
RESERVED
Reserved.
0x0
R
3
INITIALLANESYNC
_FLAG
Unexpected Control Character Error Count.
0x0
R
1 Unexpected control character count reached
ERRORTHRESH (Register 0x47C) on at least one lane.
Read Register 0x46F to determine which lanes are in
error.
3
INITIALLANESYNC
_MASK
Initial Lane Sync Mask.
0x0
W
1
If initial lane sync (Register 0x473) fails on any
lane, IRQ is pulled low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com