Electronic Components Datasheet Search
  English  ▼

X  

AD9154 Datasheet(PDF) 121 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 121 Page - Analog Devices

Back Button AD9154 Datasheet HTML 116Page - Analog Devices AD9154 Datasheet HTML 117Page - Analog Devices AD9154 Datasheet HTML 118Page - Analog Devices AD9154 Datasheet HTML 119Page - Analog Devices AD9154 Datasheet HTML 120Page - Analog Devices AD9154 Datasheet HTML 121Page - Analog Devices AD9154 Datasheet HTML 122Page - Analog Devices AD9154 Datasheet HTML 123Page - Analog Devices AD9154 Datasheet HTML 124Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 121 / 124 page
background image
Data Sheet
AD9154
Rev. C | Page 121 of 124
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
2
BADCHECKSUM_
MASK
Bad Checksum Mask.
0x0
W
1 If there is a bad checksum (Register 0x472) on any
lane, IRQ is pulled low.
2
BADCHECKSUM_
FLAG
Bad Checksum Flag.
0x0
R
1 Bad checksum on at least one lane. Read Register 0x472
to determine which lanes are in error.
1
RESERVED
Reserved.
0x0
R
0
CODEGRPSYNC_
FLAG
1 Code Group Sync Flag. Code group sync failed on at
least one lane. Read Register 0x470 to determine
which lanes are in error.
0x0
R
Code group sync failed on at least one lane. Read
Register 0x470 to determine which lanes are in error.
0
CODEGRPSYNC_
MASK
1 Code Group Sync Machine Mask. If code group sync
(Register 0x470) fails on any lane, IRQ is pulled low.
0x0
W
0x47B
SYNCASSERT-
IONMASK
7
BADDIS_S
Bad Disparity Error on Sync.
0x0
R/W
1 Asserts a sync request on SYNCOUTx± when the bad
disparity character count reaches the threshold in
Register 0x47C.
6
NIT_S
Not in table Error on Sync.
0x0
R/W
1 Asserts a sync request on SYNCOUTx± when the not
in table character count reaches the threshold in
Register 0x47C.
5
UCC_S
Unexpected Control Character Error on Sync.
0x0
R/W
1 Asserts a sync request on SYNCOUTx± when the
unexpected control character count reaches the
threshold in Register 0x47C.
4
CMM
Configuration Mismatch IRQ. If CMM_ENABLE is high,
this bit latches on a rising edge and pull IRQ low.
When latched, write a 1 to clear this bit. If
CMM_ENABLE is low, this bit is non-functional.
0x0
R/W
1 Link Lane 0 configuration registers (Register 0x450 to
Register 0x45D) do not match the JESD204B transmit
settings (Register 0x400 to Register 0x40D).
Configuration Mismatch IRQ. If CMM_ENABLE is high,
this bit latches on a rising edge and pull IRQ low.
When latched, write a 1 to clear this bit. If
CMM_ENABLE is low, this bit is non-functional.
3
CMM_ENABLE
Configuration Mismatch IRQ Enable.
0x1
R/W
1 Enables IRQ generation if a configuration mismatch
is detected.
0 Configuration mismatch IRQ disabled.
Mismatch IRQ disabled.
[2:0]
RESERVED
Reserved.
0x0
R
0x47C
ERRORTHRES
[7:0]
ETH
Error Threshold. Bad disparity, not in table, and
unexpected control character errors are counted and
compared to the error threshold value. When the
count reaches the threshold, either an IRQ is
generated or the SYNCOUTx± signal is asserted per
the mask register settings, or both. Function is
performed in all lanes.
0xFF
R/W
0x47D
LANEENABLE
[7:0]
LANE_ENA
Lane Enable. Setting Bit x enables Link Lane x.
0xF
R/W
This register must be programmed before receiving
the code group pattern for proper operation.
0x47E
RAMP_ENA
[7:1]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com