Electronic Components Datasheet Search
  English  ▼

X  

AD9154 Datasheet(PDF) 116 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 116 Page - Analog Devices

Back Button AD9154 Datasheet HTML 112Page - Analog Devices AD9154 Datasheet HTML 113Page - Analog Devices AD9154 Datasheet HTML 114Page - Analog Devices AD9154 Datasheet HTML 115Page - Analog Devices AD9154 Datasheet HTML 116Page - Analog Devices AD9154 Datasheet HTML 117Page - Analog Devices AD9154 Datasheet HTML 118Page - Analog Devices AD9154 Datasheet HTML 119Page - Analog Devices AD9154 Datasheet HTML 120Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 116 of 124
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x41D
CHECKSUM2_
REG
[7:0]
FCHK2_RD
Checksum for Lane 2.
0x0
R
0x41E
COMPSUM2_
REG
[7:0]
FCMP2_RD
Computed Checksum for Lane 2. See description for
Register 0x40E.
0x0
R
0x422
LID3_REG
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
LID3_RD
Lane Identification for Lane 3.
0x0
R
0x425
CHECKSUM3_
REG
[7:0]
FCHK3_RD
Checksum for Lane 3.
0x0
R
0x426
COMPSUM3_
REG
[7:0]
FCMP3_RD
Computed Checksum for LANE 3 (see description for
Register 0x40E).
0x0
R
0x42A
LID4_REG
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
LID4_RD
Lane Identification for Lane 4.
0x0
R
0x42D
CHECKSUM4_
REG
[7:0]
FCHK4_RD
Checksum for Lane 4
0x0
R
0x42E
COMPSUM4_
REG
[7:0]
FCMP4_RD
Computed Checksum for Lane 4 (see description for
Register 0x40E).
0x0
R
0x432
LID5_REG
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
LID5_RD
Lane Identification for Lane 5.
0x0
R
0x435
CHECKSUM5_
REG
[7:0]
FCHK5_RD
Checksum for Lane 5.
0x0
R
0x436
COMPSUM5_
REG
[7:0]
FCMP5_RD
Computed Checksum for Lane 5 (see description for
Register 0x40E).
0x0
R
0x43A
LID6_REG
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
LID6_RD
Lane Identification for Lane 6.
0x0
R
0x43D
CHECKSUM6_
REG
[7:0]
FCHK6_RD
Checksum for Lane 6.
0x0
R
0x43E
COMPSUM6_
REG
[7:0]
FCMP6_RD
Computed Checksum for Lane 6 (see description for
Register 0x40E).
0x0
R
0x442
LID7_REG
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
LID7_RD
Lane Identification for Lane 7.
0x0
R
0x445
CHECKSUM7_
REG
[7:0]
FCHK7_RD
Checksum for Lane 7.
0x0
R
0x446
COMPSUM7_
REG
[7:0]
FCMP7_RD
Computed Checksum for Lane 7 (see description for
Register 0x40E).
0x0
R
0x450
ILS_DID
[7:0]
DID
DID is the Device ID Number.
0x0
R/W
Link information received on Lane 0 as specified in
Section 8.3 of JESD204B.
Must be set to value read in Register 0x400.
0x451
ILS_BID
[7:4]
ADJCNT
ADJCNT is the Adjustment Resolution to DAC LMFC.
0x0
R/W
Link information received on Lane 0 as specified in
Section 8.3 of JESD204B.
[3:0]
BID
BID is the Bank ID—Extension to DID.
0x0
R/W
Link information received on Lane 0 as specified in
Section 8.3 of JESD204B.
Must be set to value read in Register 0x401[3:0].
0x452
ILS_LID0
7
RESERVED
Reserved.
0x0
R
6
ADJDIR
ADJDIR is the Direction to Adjust DAC LMFC.
0x0
R/W
Link information received on Lane 0 as specified in
Section 8.3 of JESD204B.
5
PHADJ
PHADJ is the Phase Adjustment Request To DAC.
0x0
R/W
Link information received on Lane 0 as specified in
Section 8.3 of JESD204B.
[4:0]
LID0
LID0 is the Lane identification for Lane 0.
0x0
R/W
Link information received on Lane 0 as specified in
Section 8.3 of JESD204B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com