Electronic Components Datasheet Search
  English  ▼

X  

AD9154 Datasheet(PDF) 115 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 115 Page - Analog Devices

Back Button AD9154 Datasheet HTML 111Page - Analog Devices AD9154 Datasheet HTML 112Page - Analog Devices AD9154 Datasheet HTML 113Page - Analog Devices AD9154 Datasheet HTML 114Page - Analog Devices AD9154 Datasheet HTML 115Page - Analog Devices AD9154 Datasheet HTML 116Page - Analog Devices AD9154 Datasheet HTML 117Page - Analog Devices AD9154 Datasheet HTML 118Page - Analog Devices AD9154 Datasheet HTML 119Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 124 page
background image
Data Sheet
AD9154
Rev. C | Page 115 of 124
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
[4:0]
NP_RD
Np is the Total Number of Bits/Sample.
0x0
R
Link information received on Lane 0 as specified in
Section 8.3 of JESD204B.
= 16 bits per sample.
0x409
S_REG
[7:5]
JESDV_RD
JESDV is the JESD204 Version.
0x0
R
Link information received on lane 0 as specified in
section 8.3 of JESD204B.
0 JESD204A.
1 JESD204B.
[4:0]
S_RD
S is the Number of Samples/Converter per Frame
Cycle.
0x0
R
Link information received on lane 0 as specified in
section 8.3 of JESD204B.
0 One sample per converter per frame.
1 Two samples per converter per frame.
0x40A
HD_CF_REG
7
HD_RD
HD is the High Density Format.
0x0
R
Refer to Section 5.1.3 of JESD204B standard.
Link information received on Lane 0 as specified in
Section 8.3 of JESD204B.
0 Low density mode.
1 High density mode.
[6:5]
RESERVED
Reserved.
0x0
R
[4:0]
CF_RD
CF is the Number of Control Words per Frame Clock
Period per Link.
0x0
R
Link information received on Lane 0 as specified in
Section 8.3 of JESD204B.
Must be 0 to be compatible to the AD9154.
0x40B
RES1_REG
[7:0]
RES1_RD
Reserved Field 1.
0x0
R
Link information received on Lane 0 as specified in
Section 8.3 of JESD204B.
0x40C
RES2_REG
[7:0]
RES2_RD
Reserved Field 2.
0x0
R
Link information received on Lane 0 as specified in
Section 8.3 of JESD204B.
0x40D
CHECKSUM_
REG
[7:0]
LANE0CHECKSU
M_RD
Checksum for Lane 0.
0x0
R
Link information received on Lane 0 as specified in
Section 8.3 of JESD204B.
0x40E
COMPSUM0_
REG
[7:0]
FCMP0_RD
Computed Checksum for Lane 0.
0x0
R
The JESD204B Rx computes the checksum of the link
information received on Lane 0 as specified in
Section 8.3 of JESD204B. The computation method is
set by the CHECKSUMMODE bit (Register 0x300[6])
and should match the likewise calculated checksum
in Register 0x40D.
0x412
LID1_REG
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
LID1_RD
Lane Identification for Lane 1.
0x0
R
Link information received on Lane 0 as specified in
Section 8.3 of JESD204B.
0x415
CHECKSUM1_
REG
[7:0]
FCHK1_RD
Checksum for Lane 1.
0x0
R
Link information received on Lane 0 as specified in
Section 8.3 of JESD204B.
0x416
COMPSUM1_
REG
[7:0]
FCMP1_RD
Computed Checksum for Lane 1. See description for
Register 0x40E.
0x0
R
0x41A
LID2_REG
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
LID2_RD
Lane Identification for Lane 2.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com