Electronic Components Datasheet Search
  English  ▼

X  

AD9154 Datasheet(PDF) 111 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 111 Page - Analog Devices

Back Button AD9154 Datasheet HTML 107Page - Analog Devices AD9154 Datasheet HTML 108Page - Analog Devices AD9154 Datasheet HTML 109Page - Analog Devices AD9154 Datasheet HTML 110Page - Analog Devices AD9154 Datasheet HTML 111Page - Analog Devices AD9154 Datasheet HTML 112Page - Analog Devices AD9154 Datasheet HTML 113Page - Analog Devices AD9154 Datasheet HTML 114Page - Analog Devices AD9154 Datasheet HTML 115Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 124 page
background image
Data Sheet
AD9154
Rev. C | Page 111 of 124
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x302
DYN_LINK_
LATENCY_0
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
DYN_LINK_
LATENCY_0
Link 0 Dynamic Link Latency.
0x0
R
Latency between current deframer LMFC and the
global LMFC.
0x303
DYN_LINK_
LATENCY_1
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
DYN_LINK_
LATENCY_1
Link 1 Dynamic Link Latency.
0x0
R
Latency between current deframer LMFC and the
global LMFC.
0x304
LMFC_
DELAY_0
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
LMFCDEL0
Delay in Frame clock cycles for global LMFC for Link 0.
0x0
R/W
0x305
LMFC_
DELAY_1
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
LMFCDEL1
Delay in Frame clock cycles for global LMFC for Link 1.
0x0
R/W
0x306
LMFCVAR0
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
LMFCVAR0
Location in Rx LMFC where JESD204B words are read
out from buffer.
0x6
R/W
This setting should not be more than 10.
0x307
LMFCVAR1
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
LMFCVAR1
Location in Rx LMFC where JESD204B words are read
out from buffer.
0x6
R/W
This setting should not be more than 10.
0x308
XBAR_LN_0_1
[7:6]
RESERVED
Reserved.
0x0
R
[5:3]
XBARVAL1
Logic Lane 1 Source. Selects a physical lane to be
mapped onto Logical Lane 1.
0x1
R/W
Data is from SERDINx±.
[2:0]
XBARVAL0
Logic Lane 0 Source. Selects a physical lane to be
mapped onto Logical Lane 0.
0x0
R/W
Data is from SERDINx±.
0x309
XBAR_LN_2_3
[7:6]
RESERVED
Reserved.
0x0
R
[5:3]
XBARVAL3
Logic Lane 3 Source. Selects a physical lane to be
mapped onto Logical Lane 3.
0x3
R/W
Data is from SERDINx±.
[2:0]
XBARVAL2
Logic Lane 2 Source. Selects a physical lane to be
mapped onto Logical Lane 2.
0x2
R/W
Data is from SERDINx±.
0x30A
XBAR_LN_4_5
[7:6]
RESERVED
Reserved.
0x0
R
[5:3]
XBARVAL5
Logic Lane 5 Source. Selects a physical lane to be
mapped onto Logical Lane 5.
0x5
R/W
Data is from SERDINx±.
[2:0]
XBARVAL4
Logic Lane 4 Source. Selects a physical lane to be
mapped onto Logical Lane 4.
0x4
R/W
Data is from SERDINx±.
0x30B
XBAR_LN_6_7
[7:6]
RESERVED
Reserved.
0x0
R
[5:3]
XBARVAL7
Logic Lane 7 Source. Selects a physical lane to be
mapped onto Logical Lane 7.
0x7
R/W
Data is from SERDINx±.
[2:0]
XBARVAL6
Logic Lane 6 Source. Selects a physical lane to be
mapped onto Logical Lane 6.
0x6
R/W
Data is from SERDINx±.
0x30C
FIFO_
STATUS_
REG_0
[7:0]
LANE_FIFO_FULL
FIFO Full Flags for Each Logical Lane. A full FIFO
indicates an error in the JESD204B configuration or
with a system clock. If the FIFO for Lane x is full, Bit x
in this register will be high.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com