Electronic Components Datasheet Search
  English  ▼

X  

AD9154 Datasheet(PDF) 113 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 113 Page - Analog Devices

Back Button AD9154 Datasheet HTML 109Page - Analog Devices AD9154 Datasheet HTML 110Page - Analog Devices AD9154 Datasheet HTML 111Page - Analog Devices AD9154 Datasheet HTML 112Page - Analog Devices AD9154 Datasheet HTML 113Page - Analog Devices AD9154 Datasheet HTML 114Page - Analog Devices AD9154 Datasheet HTML 115Page - Analog Devices AD9154 Datasheet HTML 116Page - Analog Devices AD9154 Datasheet HTML 117Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 124 page
background image
Data Sheet
AD9154
Rev. C | Page 113 of 124
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x31C
PHY_PRBS_
TEST_ERRCNT_
HIBITS
[7:0]
PHY_PRBS_ERR_
CNT_HIBITS
Bits[23:16] of the 24-bit reported PHY BERT error
count from selected lane.
0x0
R
0x31D
PHY_PRBS_
TEST_STATUS
[7:0]
PHY_PRBS_PASS
Each bit is for the corresponding lane.
0xFF
R
Report PHY BERT pass/fail for each lane.
0x32C
SHORT_TPL_
TEST_0
[7:6]
RESERVED
Reserved.
0x0
R
[5:4]
SHORT_TPL_SP_
SEL
Short Transport Layer Sample Select. Select which
sample to check from a specific DAC.
0x0
R/W
0 Sample 0.
1 Sample 1.
2 Sample 2.
3 Sample 3.
[3:2]
SHORT_TPL_M_
SEL
Short Transport Layer Test DAC Select. Select which
DAC to check.
0x0
R/W
0 DAC 0.
1 DAC 1.
2 DAC 2.
3 DAC 3.
1
SHORT_TPL_TEST
_RESET
Short Transport Layer Test Reset. Resets the result of
short transport layer test at SHORT_TPL_DIFF.
0x0
R/W
0 Not reset.
1 Reset.
0
SHORT_TPL_
TEST_EN
Short Transport Layer Test Enable. Enable short
transport layer test.
0x0
R/W
0 Disable.
1 Enable.
0x32D
SHORT_TPL_
TEST_1
[7:0]
SHORT_TPL_REF_
SP_LSB
Short Transport Layer Reference Sample LSB. This is
the lower 8 bits of expected DAC sample. It compares
with the received DAC sample at the output of
JESD204B Rx.
0x0
R/W
0x32E
SHORT_TPL_
TEST_2
[7:0]
SHORT_TPL_REF_
SP_MSB
Short Transport Layer Test Reference Sample MSB.
This is the upper 8 bits of expected DAC sample. It
compares with the received sample at JESD Rx output.
0x0
R/W
0x32F
SHORT_TPL_
TEST_3
[7:1]
RESERVED
Reserved.
0x0
R
0
SHORT_TPL_FAIL
Short Transport Layer Test Fail. This bit shows if the
selected DAC sample matches the reference sample.
If they match test pass; otherwise test fail.
0x0
R
0 Test pass.
1 Test fail.
0x333
DEVICE_CON-
FIG_REG2
[7:0]
RESERVED
Must be set to 0x1 for correct JESD204B receiver
operation.
0x0
R/W
0x334
JESD_BIT_
INVERSE_CTRL
[7:0]
INVLANES
Logic Lane Invert. Set Bit x high to invert the
JESD204B deserialized data on Logical Lane x.
0x0
R/W
0x400
DID_REG
[7:0]
DID_RD
DID is the Device ID No.
0x0
R
Link information received on Lane 0 as specified in
Section 8.3 of JESD204B.
0x401
BID_REG
[7:4]
ADJCNT_RD
ADJCNT is the Adjustment Resolution to DAC LMFC.
0x0
R
Link information received on Lane 0 as specified in
Section 8.3 of JESD204B.
[3:0]
BID_RD
BID is the Bank ID—Extension to DID.
0x0
R
Link information received on Lane 0 as specified in
Section 8.3 of JESD204B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com