Electronic Components Datasheet Search
  English  ▼

X  

AD9154 Datasheet(PDF) 114 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 114 Page - Analog Devices

Back Button AD9154 Datasheet HTML 110Page - Analog Devices AD9154 Datasheet HTML 111Page - Analog Devices AD9154 Datasheet HTML 112Page - Analog Devices AD9154 Datasheet HTML 113Page - Analog Devices AD9154 Datasheet HTML 114Page - Analog Devices AD9154 Datasheet HTML 115Page - Analog Devices AD9154 Datasheet HTML 116Page - Analog Devices AD9154 Datasheet HTML 117Page - Analog Devices AD9154 Datasheet HTML 118Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 114 of 124
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x402
LID0_REG
7
RESERVED
Reserved.
0x0
R
6
ADJDIR_RD
ADJDIR is the Direction to Adjust DAC LMFC.
0x0
R
Link information received on Lane 0 as specified in
Section 8.3 of JESD204B.
5
PHADJ_RD
PHADJ is the Phase Adjustment Request to DAC.
0x0
R
Link information received on Lane 0 as specified in
Section 8.3 of JESD204B.
[4:0]
LID0_RD
LID0 is the Lane Identification for Lane 0.
0x0
R
Link information received on Lane 0 as specified in
Section 8.3 of JESD204B.
0x403
SCR_L_REG
7
SCR_RD
SCR is the Tx Scrambling Status.
0x0
R
Link information received on Lane 0 as specified in
Section 8.3 of JESD204B.
0 Scrambling is disabled.
1 Scrambling is enabled.
[6:5]
RESERVED
Reserved.
0x0
R
[4:0]
L_RD
L is the Number of Lanes per Converter Device.
0x0
R
Link information received on lane 0 as specified in
section 8.3 of JESD204B.
0 1 lane per converter device.
1 2 lanes per converter device.
3 4 lanes per converter device.
0x404
F_REG
[7:0]
F_RD
F is the Number of Octets Per Frame.
0x0
R
Settings of 1, 2, and 4 are valid.
Link information received on Lane 0 as specified in
Section 8.3 of JESD204B.
0 1 octet per frame.
1 2 octets per frame.
3 4 octets per frame.
0x405
K_REG
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
K_RD
K is the Number of Frames per Multiframe.
0x0
R
Settings of 16 or 32 are valid.
Link information received on lane 0 as specified in
section 8.3 of JESD204B.
01111 = 16.
11111 = 32.
0x406
M_REG
[7:0]
M_RD
M is the Number of Converters/Device.
0x0
R
Link information received on Lane 0 as specified in
Section 8.3 of JESD204B.
Must be 1,2, or 4 to be compatible with AD9154
0 1 converter per device.
1 2 converters per device.
3 4 converters per device.
0x407
CS_N_REG
[7:6]
CS_RD
CS is the Number of Control Bits/Sample.
0x0
R
Link information received on Lane 0 as specified in
Section 8.3 of JESD204B.
Must be 0 to be compatible with AD9154.
5
RESERVED
Reserved.
0x0
R
[4:0]
N_RD
N = converter resolution.
0x0
R
0x408
NP_REG
[7:5]
SUBCLASSV_RD
SUBCLASSV is the Device SubClass Version.
0x0
R
Link information received on lane 0 as specified in
section 8.3 of JESD204B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com