Electronic Components Datasheet Search
  English  ▼

X  

AD9154 Datasheet(PDF) 110 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 110 Page - Analog Devices

Back Button AD9154 Datasheet HTML 106Page - Analog Devices AD9154 Datasheet HTML 107Page - Analog Devices AD9154 Datasheet HTML 108Page - Analog Devices AD9154 Datasheet HTML 109Page - Analog Devices AD9154 Datasheet HTML 110Page - Analog Devices AD9154 Datasheet HTML 111Page - Analog Devices AD9154 Datasheet HTML 112Page - Analog Devices AD9154 Datasheet HTML 113Page - Analog Devices AD9154 Datasheet HTML 114Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 110 of 124
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x29A
VCO_CAL
7
SPI_VCO_CAL_EN
0x1
R/W
[6:4]
SPI_VCO_CAL_
ALC_WAIT
0x7
R/W
[3:2]
SPI_VCO_CAL_
COUNT
0x3
R/W
[1:0]
SPI_FB_CLOCK_
ADV
0x2
R/W
0x29C
CP_LEVEL_
DETECT
7
RESERVED
Reserved.
0x0
R
6
SPI_CP_LEVEL_
DET_PD
0x0
R/W
[5:3]
SPI_CP_LEVEL_
THRESHOLD_LOW
0x2
R/W
[2:0]
SPI_CP_LEVEL_
THRESHOLD_
HIGH
0x7
R/W
0x29F
VCO_
VARACTOR_
CONTROL_0
7
RESERVED
0x0
R
[6:4]
SPI_VCO_VARAC-
TOR_REF_TCF
0x3
R/W
[3:0]
SPI_VCO_VARAC-
TOR_OFFSET
0x3
R/W
0x2A0
VCO_
VARACTOR_
CONTROL_1
[7:4]
RESERVED
0x0
R
[3:0]
SPI_VCO_
VARACTOR_REF
0x8
R/W
0x2A7
TERM_BLK1_
CTRLREG0
[7:1]
RESERVED
Reserved.
0x0
R
0
SPI_I_TUNE_R_
CAL_TERMBLK1
Rising edge of this bit starts a termination calibration
routine.
0x0
R/W
0x2AE
TERM_BLK2_
CTRLREG0
[7:1]
RESERVED
Reserved.
0x0
R
0
SPI_I_TUNE_R_
CAL_TERMBLK2
Rising edge of this bit starts a termination calibration
routine.
0x0
R/W
0x300
GENERAL_
JRX_CTRL_0
7
RESERVED
Reserved.
0x0
R
6
CHECKSUMMODE
JESD204B link parameter checksum calculation
method.
0x0
R/W
0 checksum is the sum of fields.
1 checksum is the sum of octets.
[5:4]
RESERVED
Reserved
0x0
R/W
3
DUALLINK
This register selects either single link or dual link
mode.
0x0
R/W
0 Single link mode.
1 Dual link mode.
2
CURRENTLINK
To select which QBD register map to work with.
0x0
R/W
0 User access to QBD_0 registers.
1 User access to QBD_1 registers.
[1:0]
ENLINKS
Brings up JESD204B Rx digital when all link
parameters are programmed and all clocks are ready
0x0
R/W
Bit 0 applies to Link 0 while Bit 1 applies to Link 1.
Link 1 is only available in dual link mode. Both links
may be brought up separately or together.
0x301
GENERAL_
JRX_CTRL_1
[7:3]
RESERVED
Reserved.
0x0
R
[2:0]
SUBCLASSV_
LOCAL
JESD204B Subclass
0x1
R/W
0 Subclass 0
1 Subclass 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com