Electronic Components Datasheet Search
  English  ▼

X  

AD9154 Datasheet(PDF) 123 Page - Analog Devices

Part # AD9154
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154 Datasheet(HTML) 123 Page - Analog Devices

Back Button AD9154 Datasheet HTML 116Page - Analog Devices AD9154 Datasheet HTML 117Page - Analog Devices AD9154 Datasheet HTML 118Page - Analog Devices AD9154 Datasheet HTML 119Page - Analog Devices AD9154 Datasheet HTML 120Page - Analog Devices AD9154 Datasheet HTML 121Page - Analog Devices AD9154 Datasheet HTML 122Page - Analog Devices AD9154 Datasheet HTML 123Page - Analog Devices AD9154 Datasheet HTML 124Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 123 / 124 page
background image
Data Sheet
AD9154
Rev. C | Page 123 of 124
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-220-VRRD
1
22
66
45
23
44
88
67
0.50
0.40
0.30
0.28
0.23
0.18
10.50
REF
0.60 MAX
0.60
MAX
7.55
7.40 SQ
7.25
0.50
BSC
0.20 REF
12° MAX
SEATING
PLANE
PIN 1
INDICATOR
0.70
0.65
0.60
0.045
0.025
0.005
PIN 1
INDICATOR
TOP VIEW
0.90
0.85
0.80
EXPOSED PAD
BOTTOM VIEW
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
COPLANARITY
0.08
12.10
12.00 SQ
11.90
11.85
11.75 SQ
11.65
Figure 89. 88-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
12 mm × 12 mm Body, Very Thin Quad
(CP-88-6)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MO-220
1
22
66
45
23
44
88
67
0.50
0.40
0.30
0.80
0.70
0.60
1.00
0.90
0.80
0.65
0.55
0.45
0.30
0.25
0.20
10.50
REF
0.60 MAX
0.60
MAX
7.55
7.40 SQ
5.25
0.50
BSC
0.190~0.245 REF
12° MAX
SEATING
PLANE
PIN 1
INDICATOR
0.70
0.65
0.60
0.045
0.025
0.005
PIN 1
INDICATOR
TOP VIEW
0.90
0.85
0.80
EXPOSED
PAD
BOTTOM VIEW
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
COPLANARITY
0.08
12.10
12.00 SQ
11.90
11.85
11.75 SQ
11.65
Figure 90. 88-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
12 mm × 12 mm Body, Very Thin Quad
(CP-88-9)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com