Electronic Components Datasheet Search
  English  ▼

X  

BMA255 Datasheet(PDF) 110 Page - Bosch Sensortec GmbH

Part # BMA255
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA255 Datasheet(HTML) 110 Page - Bosch Sensortec GmbH

Back Button BMA255 Datasheet HTML 106Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 107Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 108Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 109Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 110Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 111Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 112Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 113Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 114Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 119 page
background image
BMA255
Data sheet
Page 110
BST-BMA255-DS004-05 | Revision 1.2 | August 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
9.2 Sensing axes orientation
If the sensor is accelerated in the indicated directions, the corresponding channel will deliver a
positive acceleration signal (dynamic acceleration). If the sensor is at rest and the force of
gravity is acting along the indicated directions, the output of the corresponding channel will be
negative (static acceleration).
Example: If the sensor is at rest or at uniform motion in a gravity field according to the figure
given below, the output signals are:
•
± 0g for the X channel
•
± 0g for the Y channel
•
+ 1g for the Z channel
Figure 28: Orientation of sensing axis
The following table lists all corresponding output signals on X, Y, and Z while the sensor is at
rest or at uniform motion in a gravity field under assumption of a ±2g range setting and a top
down gravity vector as shown above.
Table 25: Output signals depending on sensor orientation
Sensor Orientation
(gravity vector )
Output Signal X
0g / 0LSB 1g / 1024LSB
0g / 0LSB -1g / -1024LSB
0g / 0LSB
0g / 0LSB
Output Signal Y
-1g / -1024LSB
0g / 0LSB 1g / 1024LSB
0g / 0LSB
0g / 0LSB
0g / 0LSB
Output Signal Z
0g / 0LSB
0g / 0LSB
0g / 0LSB
0g / 0LSB 1g / 1024LSB -1g / -1024LSB
upright



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com