Electronic Components Datasheet Search
  English  ▼

X  

BMA255 Datasheet(PDF) 113 Page - Bosch Sensortec GmbH

Part # BMA255
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA255 Datasheet(HTML) 113 Page - Bosch Sensortec GmbH

Back Button BMA255 Datasheet HTML 109Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 110Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 111Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 112Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 113Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 114Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 115Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 116Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 117Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 119 page
background image
BMA255
Data sheet
Page 113
BST-BMA255-DS004-05 | Revision 1.2 | August 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
9.5 Soldering guidelines
The moisture sensitivity level of the BMA255 sensors corresponds to JEDEC Level 1, see also
-
IPC/JEDEC
J-STD-020C
"Joint
Industry
Standard:
Moisture/Reflow
Sensitivity
Classification for non-hermetic Solid State Surface Mount Devices"
-
IPC/JEDEC J-STD-033A "Joint Industry Standard: Handling, Packing, Shipping and Use of
Moisture/Reflow Sensitive Surface Mount Devices"
The sensor fulfils the lead-free soldering requirements of the above-mentioned IPC/JEDEC
standard, i.e. reflow soldering with a peak temperature up to 260°C.
Figure 30: Soldering profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com