Electronic Components Datasheet Search
  English  ▼

X  

BMA255 Datasheet(PDF) 115 Page - Bosch Sensortec GmbH

Part # BMA255
Description  Digital, triaxial acceleration sensor
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA255 Datasheet(HTML) 115 Page - Bosch Sensortec GmbH

Back Button BMA255 Datasheet HTML 111Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 112Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 113Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 114Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 115Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 116Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 117Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 118Page - Bosch Sensortec GmbH BMA255 Datasheet HTML 119Page - Bosch Sensortec GmbH  
Zoom Inzoom in Zoom Outzoom out
 115 / 119 page
background image
BMA255
Data sheet
Page 115
BST-BMA255-DS004-05 | Revision 1.2 | August 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
9.7 Tape and reel specification
The BMA255 is shipped in a standard cardboard box.
The box dimension for 1 reel is: L x W x H = 35cm x 35cm x 6cm.
BMA255 quantity: 10,000pcs per reel, please handle with care.
Figure 31: Tape and reel dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com