Electronic Components Datasheet Search
  English  ▼

X  

FS98O21 Datasheet(PDF) 30 Page - Fortune Semiconductor Corp.

Part # FS98O21
Description  8-bit MCU with 2k program EPROM, 128-byte RAM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O21 Datasheet(HTML) 30 Page - Fortune Semiconductor Corp.

Back Button FS98O21 Datasheet HTML 26Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 27Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 28Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 29Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 30Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 31Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 32Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 33Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 34Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 136 page
background image
FS98O21
Rev. 1.7
30/136
Register NETE at address 1Ch
property
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
NETE
ENVS
SILB[1:0]
ENLB
Bit7
Bit0
Bit 4
ENVS
: VDDA Voltage Source enable flag (Please read Section 4.2 for detailed description)
1 = VDDA is connected to VS. VS could be used as a voltage source.
0 = VDDA and VS are disconnected.
Bit 3-2 SILB[1:0]: Low Battery Comparator Input Selector (Please refer to Section 4.5 for detailed
description)
11 = No definition. The Low Battery Comparator Input is floating.
10 = Low Battery Comparator Input is selected as external analog input AIN4
01 = Low Battery Comparator Input is selected as 3.65V
00 = Low Battery Comparator Input is selected as 2.45V
Bit 1
ENLB
: Low Battery Comparator enable flag (Please refer to Section 4.5 for detailed description)
1 = Low Battery Comparator is enabled
0 = Low Battery Comparator is disabled
property
R = Readable bit
W = Writable bit
U = unimplemented bit
- n = Value at Power On
Reset
‘1’ = Bit is Set
‘0’ = Bit is Cleared
X = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com