Electronic Components Datasheet Search
  English  ▼

X  

FS98O21 Datasheet(PDF) 38 Page - Fortune Semiconductor Corp.

Part # FS98O21
Description  8-bit MCU with 2k program EPROM, 128-byte RAM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O21 Datasheet(HTML) 38 Page - Fortune Semiconductor Corp.

Back Button FS98O21 Datasheet HTML 34Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 35Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 36Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 37Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 38Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 39Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 40Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 41Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 42Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 136 page
background image
FS98O21
Rev. 1.7
38/136
Bandgap Voltage and Temperature Sensor
Bandgap Voltage Reference
and Temperature Sensor
TEMPH
TEMPL
To Function Network
ENBAND
Figure 4-7 Bandgap voltage and temperature sensor function block
REFO is low temperature coefficient bandgap voltage reference output. Its voltage to AGND is 1.16V, and the
typical temperature coefficient is 150ppm/
°C.
FS98O21 embeds a Temperature Sensor to measure the IC temperature from the differential voltage between
TEMPH and TEMPL (typically 550μV
±50μV/°C). Its working range is 100 ~ 200 mV. User can connect the
TEMPH and TEMPL to an ADC to get the IC temperature. Please refer to Chapter 10 and Chapter 11 for
detailed instruction of ADC.
Both the bandgap Voltage Reference and the Temperature sensor are controlled by ENBAND register flag.
Please see Figure 4-7.
Table 4-9 bandgap voltage and temperature sensor register table
Address
Name
Referenced
Section
Bit 7
Bit 6
Bit 5
Bit 4 Bit 3
Bit 2
Bit 1
Bit 0
Value on Power
on Reset
1Dh
NETF
4/10/11
ENBAND ENVDDA
ENAGND ENVB
00000000
Operation:
1.
Operate as Section 4.1 to get the VGG (2 times VDD or external Power Supply).
2.
Operate as Section 4.2 to get the VDDA (3.6V)
3.
Operate as Section 4.3 to enable the Analog Bias Circuit
4.
Set the ENBAND register flag.
5.
Check REFO. Its value with respect to AGND should be about 1.16V
6.
The output, TEMPH and TEMPL, will show the IC temperature as the differential voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com