Electronic Components Datasheet Search
  English  ▼

X  

FS98O21 Datasheet(PDF) 97 Page - Fortune Semiconductor Corp.

Part # FS98O21
Description  8-bit MCU with 2k program EPROM, 128-byte RAM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O21 Datasheet(HTML) 97 Page - Fortune Semiconductor Corp.

Back Button FS98O21 Datasheet HTML 93Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 94Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 95Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 96Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 97Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 98Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 99Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 100Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 101Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 136 page
background image
FS98O21
Rev. 1.7
97/136
Register NETC at address 1Ah
property
R/W-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
NETC
SREFO
ADG[1:0]
ADEN
AZ
Bit7
Bit0
Bit 7
SREFO
: Internal Reference Voltage enable flag. (Please refer to Section 10.1)
1 = Internal Reference Voltage is enabled. VR1P = 2/5 REFO, VR2P = 1/5 REFO
0 = Internal Reference Voltage is disabled. VR1P and VR2P are floating.
Bit 3-2 ADG[1:0]: Internal ADC input gain. (Please refer to Section 10.1)
11 = Internal ADC input gain is 7/3
10 = Internal ADC input gain is 2
01 = Internal ADC input gain is 1
00 = Internal ADC input gain is 2/3
Bit 1
ADEN
: ADC enable flag. (Please refer to Section 10.1)
1 = ADC is enabled.
0 = ADC is disabled.
Bit 0
AZ
: ADC differential input ports short controller. (Please refer to Section 10.1)
1 = ADC differential input ports are short and both connect to INL
25 (SINL output).
0 = ADC differential input ports are NOT short. The 2 ports connect to INH and INL.
property
R = Readable bit
W = Writable bit
U = unimplemented bit
- n = Value at Power On
Reset
‘1’ = Bit is Set
‘0’ = Bit is Cleared
X = Bit is unknown
25 That means the ADC input differential voltage is zero. ADC output should be zero counts. User could
measure ADC offset counts when the AZ register flag is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com