Electronic Components Datasheet Search
  English  ▼

X  

FS98O21 Datasheet(PDF) 22 Page - Fortune Semiconductor Corp.

Part # FS98O21
Description  8-bit MCU with 2k program EPROM, 128-byte RAM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O21 Datasheet(HTML) 22 Page - Fortune Semiconductor Corp.

Back Button FS98O21 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 21Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 22Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 23Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 24Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 25Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 26Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 136 page
background image
FS98O21
Rev. 1.7
22/136
System Special Registers
The System Special Registers are designed to complete CPU Core functions, and consists of indirect address,
indirect address pointer, status register, work register, interrupt flag, and interrupt control register. Please see
Section 1.11 for related CPU work flow chart.
Table 3-2 system register table
Address
Name
Referenced
Section
Bit 7
Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Value on Power on Reset
1
00h
IND0
3.427
Use contents of FSR0 to address data memory
uuuuuuuu
01h
IND1
3.4.1
Use contents of FSR1 to address data memory
uuuuuuuu
02h
FSR0
1.11/3.4.1
Indirect data memory address pointer 0
uuuuuuuu
03h
FSR1
1.11/3.4.1
Indirect data memory address pointer 1
uuuuuuuu
04h
STATUS
1.11/3.4.2
PD
TO
DC
C
Z
00u00uuu
05h
WORK
1.11
WORK register
uuuuuuuu
06h
INTF
3/6/7/9/10/11
TMI
F
I2CI
F
ADI
F
E1IF E0IF
00000000
07h
INTE
3/6/7/9/10/11
GIE
TMI
E
I2CI
E
ADI
E
E1IE E0IE
00000000
3..1
Special Register Contents after External Reset (Power On Reset) and WDT Reset
Table 3-3 special register reset table
Register
Address
Register
Name
Register Content
External Reset
WDT Reset
04h
STATUS
00u00uuu
uuuu1uuu
0Dh
WDTCON
00000000
uuuuuuuu
20h
PT1
00000000
uuuuuuuu
21h
PT1EN
00000000
uuuuuuuu
22h
PT1PU
00000000
uuuuuuuu
23h
AIENB1
00000000
uuuuuuuu
24h
PT2
00000000
uuuuuuuu
25h
PT2EN
00000000
uuuuuuuu
26h
PT2PU
00000000
uuuuuuuu
27h
PT2MR
00000000
uuuuuuuu
37h
PT2OC
uuu11uuu
uuuuuuuu
57h
I2CCON
0001uuuu
uuuuuuuu
58h
STA
uu0000u0
uuuuuuuu
59h
I2CADD
00000000
uuuuuuuu
5Ah
I2CBUF
00000000
uuuuuuuu
1 u mean unknown or unchanged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com