Electronic Components Datasheet Search
  English  ▼

X  

FS98O21 Datasheet(PDF) 52 Page - Fortune Semiconductor Corp.

Part # FS98O21
Description  8-bit MCU with 2k program EPROM, 128-byte RAM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O21 Datasheet(HTML) 52 Page - Fortune Semiconductor Corp.

Back Button FS98O21 Datasheet HTML 48Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 49Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 50Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 51Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 52Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 53Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 54Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 55Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 56Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 136 page
background image
FS98O21
Rev. 1.7
52/136
6..1
Timer module interrupt
Table 6-2 timer module interrupt register table
Address Name
Referenced
Section
Bit 7
Bit 6
Bit 5 Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on Power on Reset
06h
INTF 3/6/7/9/10/11
TMIF
--
--
--
--
00000000
07h
INTE 3/6/7/9/10/11 GIE
TMIE
--
--
--
--
00000000
0Eh
TMO
UT
6.1
TMOUT [7:0]
00000000
0Fh
TMC
ON
6.1
TRST
TMEN
INS [2:0]
1uuu0000
Operation:
1.
Operate as Section 5.7 to setup the TMCLK for Timer module input
2.
Setup the INS[2:0] to select timer interrupt source. Please see Table 6-3.
3.
Set the TMIE and GIE register flags to enable the Timer interrupt.
4.
Set the TMEN register flag to enable Timer module 8-bit counter.
5.
Clear the TRST register flag to reset the Timer module 8-bit counter
6.
When time out event happens, TMIF register flag will reset itself, and the program counter will reset to
04h
Table 6-3 timer selection table
INS[2:0]
interrupt source
Time at TMCLK=1024Hz (ECK/32)
000
TMOUT[0]
1/128 sec.
001
TMOUT[1]
1/64 sec.
010
TMOUT[2]
1/32 sec.
011
TMOUT[3]
1/16 sec.
100
TMOUT[4]
1/8 sec.
101
TMOUT[5]
1/4 sec.
110
TMOUT[6]
1/2 sec.
111
TMOUT[7]
1 sec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com