Electronic Components Datasheet Search
  English  ▼

X  

FS98O21 Datasheet(PDF) 67 Page - Fortune Semiconductor Corp.

Part # FS98O21
Description  8-bit MCU with 2k program EPROM, 128-byte RAM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O21 Datasheet(HTML) 67 Page - Fortune Semiconductor Corp.

Back Button FS98O21 Datasheet HTML 63Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 64Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 65Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 66Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 67Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 68Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 69Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 70Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 71Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 136 page
background image
FS98O21
Rev. 1.7
67/136
Input:
GPIO Port 2 Bit1 and Bit0 (PT2[1:0]) could be the external interrupt ports as INT1 and INT0 or be the
general I/O ports. User should control INTE register E0IE and E1IE flags to decide if the interrupt is
enabled. The interrupt trigger mode is selected by E0M[1:0] and E1M[1:0] register flags. The input port
has a Schmitt trigger in it, and the up/down trigger voltage level is 0.45VDD/0.2VDD.
Output
FS98O21 sends the digital data out by an embedded D Flip Flop. When the program sends data out
through PT2, the data will be sent to data bus first, and then the D Flip Flop will latch the signal for PT2
output while the Write signal and AR (FS98O21 internal device address pointer) is pointed to PT2.
Pull up resistor
FS98O21 embeds an internal pull up resistor function in PT2 with about 1000k ohm resistor
11. Users
could control the PT2PU[1:0] register flags to decide the connections to pull up resistor. When a port is
connected to the pull up resistor, the input data is, by default, assigned to high (data 1).
11 The pull up current is about 10uA. Remember to disable PT1PU before program falls into Sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com