Electronic Components Datasheet Search
  English  ▼

X  

FS98O21 Datasheet(PDF) 85 Page - Fortune Semiconductor Corp.

Part # FS98O21
Description  8-bit MCU with 2k program EPROM, 128-byte RAM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O21 Datasheet(HTML) 85 Page - Fortune Semiconductor Corp.

Back Button FS98O21 Datasheet HTML 81Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 82Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 83Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 84Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 85Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 86Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 87Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 88Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 89Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 136 page
background image
FS98O21
Rev. 1.7
85/136
Table 9-1 I2C module register table
Address
Name
Referenced
Section
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3 Bit 2 Bit 1 Bit 0
Value on Power
on Reset
57h
I2CCON
9
WCOL
I2COV
I2CEN
CKP
0001uuuu
58h
I2CSTA
9
DA
P
S
RW
BF
uu0000u0
59h
I2CADD
9
I2CADD [7:0]
00000000
5Ah
I2CBUF
9
I2CBUF [7:0]
00000000
Register I2CCON at address 57h
property
R/W-0
R/W-0
R/W-0
R/W-1
U-X
U-X
U-X
U-X
I2CCON
WCOL
I2COV
I2CEN
CKP
Bit7
Bit0
Bit 7
WCOL
: Write collision detector register flag.
1 = The I2CBUF register is written while it is still transmitting the previous data.
0 = No write collision is happened. This register should be clear in software.
Bit 6
I2COV
: Receive overflow detector register flag
1 = A byte is received while theI2CBUF is still holding the previous data.
0 = No receive overflow is happened. This register should be clear in software
Bit 5
I2CEN
: I2C module enable flag
1 = I2C module is enabled.
0 = I2C module is disabled.
Bit 4
CKP
: SCK signal control register
1 = SCK pin is enabled.
0 = SCK pin is disabled and hold to low.
property
R = Readable bit
W = Writable bit
U = unimplemented bit
- n = Value at Power On
Reset
‘1’ = Bit is Set
‘0’ = Bit is Cleared
X
=
Bit
is
unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com