Electronic Components Datasheet Search
  English  ▼

X  

FS98O21 Datasheet(PDF) 63 Page - Fortune Semiconductor Corp.

Part # FS98O21
Description  8-bit MCU with 2k program EPROM, 128-byte RAM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O21 Datasheet(HTML) 63 Page - Fortune Semiconductor Corp.

Back Button FS98O21 Datasheet HTML 59Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 60Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 61Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 62Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 63Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 64Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 65Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 66Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 67Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 136 page
background image
FS98O21
Rev. 1.7
63/136
Register PT2MR at address 27h
property
R/W-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PT2MR
BZEN
PM1EN
E1M[1:0]
E0M[1:0]
Bit7
Bit0
Bit 7
BZEN
: Buzzer enable flag (Please refer to Section 7.5 for detail)
1 = Buzzer function is enabled, GPIO Port 2 bit 7 is defined as Buzzer output.
0 = Buzzer function is disabled, GPIO Port 2 bit 7 is defined as GPIO.
Bit 4
PM1EN
: PDM Module enable flag (Please refer to Chapter 8 for detail)
1 = PDM Module is enabled, GPIO Port 2 bit 2 is defined as PDM output.
0 = PDM Module is disabled, GPIO Port 2 bit 2 is defined as GPIO.
Bit 3-2 E1M[1:0]: GPIO Port 2 bit 1 interrupt trigger mode (Please refer to Section 7.2 for detail)
11 = External Interrupt 1 (GPIO Port 2 bit 1) is triggered at state change
10 = External Interrupt 1 (GPIO Port 2 bit 1) is triggered at state change
01 = External Interrupt 1 (GPIO Port 2 bit 1) is triggered at positive edge
00 = External Interrupt 1 (GPIO Port 2 bit 1) is triggered at negative edge
Bit 1-0 E0M[1:0]: GPIO Port 2 bit 0 interrupt trigger mode (Please refer to Section 7.2 for detail)
11 = External Interrupt 0 (GPIO Port 2 bit 0) is triggered at state change
10 = External Interrupt 0 (GPIO Port 2 bit 0) is triggered at state change
01 = External Interrupt 0 (GPIO Port 2 bit 0) is triggered at positive edge
00 = External Interrupt 0 (GPIO Port 2 bit 0) is triggered at negative edge
property
R = Readable bit
W = Writable bit
U = unimplemented bit
- n = Value at Power On
Reset
‘1’ = Bit is Set
‘0’ = Bit is Cleared
X = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com