Electronic Components Datasheet Search
  English  ▼

X  

FS98O21 Datasheet(PDF) 32 Page - Fortune Semiconductor Corp.

Part # FS98O21
Description  8-bit MCU with 2k program EPROM, 128-byte RAM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O21 Datasheet(HTML) 32 Page - Fortune Semiconductor Corp.

Back Button FS98O21 Datasheet HTML 28Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 29Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 30Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 31Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 32Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 33Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 34Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 35Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 36Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 136 page
background image
FS98O21
Rev. 1.7
32/136
Voltage Doubler
Figure 4-2 Voltage Doubler
Voltage Doubler is used for generating VGG which provide input
3 for VDDA Voltage Regulator. The inputs of
Voltage Doubler are VDDP, VSSP, CA and CB. The related registers are S_PCK and ENPUMP. The Output is
VGG. Please see Figure 4-2.
Table 4-2 Voltage Doubler register table
Addre
ss
Name
Reference
d Section
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power on
Reset
14h
MCK
5
M7_CK
M6_CK
M5_CK
M3_CK
M2_CK
M1_CK
M0_CK
00000000
15h
PCK
4/5/7.5/10
ENPUMP
--
--
S_PCK
00000000
Operations:
1.
Connect the pins VDDP and VSSP to VDD (2.2V~3.6V) and VSS (system ground).
2.
Put a 10uF capacitance between CA and CB.
3.
Select the Voltage Doubler Operation frequency by setting S_PCK and M0_CK
4 according to the
following table
4.
Set the ENPUMP flag.
5.
The output, VGG, will be 2 times of VDDP.
3 Please refer to Section 4.2 for detailed description about VDDA and Voltage regulator.
4 M0_CK is the 1st bit of the MCK register. Please refer to Section 5.0
Voltage Doubler
ENPUMP
S_PCK
C2 10uF
C3 1uF
C1 10uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com