Electronic Components Datasheet Search
  English  ▼

X  

FS98O21 Datasheet(PDF) 9 Page - Fortune Semiconductor Corp.

Part # FS98O21
Description  8-bit MCU with 2k program EPROM, 128-byte RAM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O21 Datasheet(HTML) 9 Page - Fortune Semiconductor Corp.

Back Button FS98O21 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 13Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 136 page
background image
FS98O21
Rev. 1.7
9/136
Register List
Register STATUS at address 04h
.................................................................................................. 24
Register INTE at address 07h
....................................................................................................... 25
Register INTF at address 06h
........................................................................................................ 26
Register PCK at address 15h
........................................................................................................ 29
Register NETE at address 1Ch
..................................................................................................... 30
Register NETF at address 1Dh
...................................................................................................... 31
Register SVD at address 1Fh
........................................................................................................ 31
Register WDTCON at address 0Dh
............................................................................................... 49
Register TMOUT at address 0Eh
.................................................................................................. 50
Register TMCON at address 0Fh
.................................................................................................. 50
Register PT1 at address 20h
......................................................................................................... 57
Register PT1EN at address 21h
.................................................................................................... 57
Register PT1PU at address 22h
.................................................................................................... 58
Register AIENB1 at address 23h
................................................................................................... 59
Register PT2 at address 24h
......................................................................................................... 60
Register PT2EN at address 25h
.................................................................................................... 61
Register PT2PU at address 26h
.................................................................................................... 62
Register PT2MR at address 27h
................................................................................................... 63
Register PT2OCB at address 37h
................................................................................................. 64
Register PT2MR at address 27h
................................................................................................... 79
Register PMD1H at address 30h
................................................................................................... 79
Register PMD1L at address 31h
.................................................................................................... 80
Register PMCON at address 36h
.................................................................................................. 81
Register I2CCON at address 57h
.................................................................................................. 85
Register I2CSTA at address 58h
................................................................................................... 86
Register I2CADD at address 59h
.................................................................................................. 86
Register I2CBUF at address 5Ah
.................................................................................................. 87
Register ADOH at address 10h
..................................................................................................... 92
Register ADOL at address 11h
...................................................................................................... 92
Register ADCON at address 13h
................................................................................................... 93
Register PCK at address 15h
........................................................................................................ 94
Register NETA at address 18h
...................................................................................................... 95
Register NETB at address 19h
...................................................................................................... 96
Register NETC at address 1Ah
..................................................................................................... 97
Register NETD at address 1Bh
..................................................................................................... 98
Register LCD1 at address 40h
.....................................................................................................114
Register LCD2 at address 41h
.....................................................................................................115
Register LCD3 at address 42h
.....................................................................................................115
Register LCD4 at address 43h
.....................................................................................................116
Register LCD5 at address 44h
.....................................................................................................116
Register LCD6 at address 45h
.....................................................................................................117
Register LCDENR at address 54h
................................................................................................118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com