Electronic Components Datasheet Search
  English  ▼

X  

FS98O21 Datasheet(PDF) 71 Page - Fortune Semiconductor Corp.

Part # FS98O21
Description  8-bit MCU with 2k program EPROM, 128-byte RAM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O21 Datasheet(HTML) 71 Page - Fortune Semiconductor Corp.

Back Button FS98O21 Datasheet HTML 67Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 68Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 69Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 70Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 71Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 72Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 73Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 74Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 75Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 136 page
background image
FS98O21
Rev. 1.7
71/136
Digital I/O Port or I2C Serial Port : PT2[3]/SDA, PT2[4]/SCL
PT2PU[4:3]
PT2EN[4:3]
PT2[4:3]
D
Q
CK
LOAD
Write
AR==PT2
READ&AR==PT2
Databus[7:0]
PT2OC[4:3]
Open Drain Control
Figure 7-4 PT2[3] PT2[4] function block
GPIO Port 2 Bit4 and Bit 3 (PT2[4:3]) function block is shown in Figure 7-4. The main function of the GPIO is
input and output data between the Data bus and the ports. Users could control the PT2EN[4:3] register flags to
decide the input output direction. The input and output function and the related functions are explained as
follows:
Input:
GPIO Port 2 Bit4 and Bit3 (PT2[4:3]) could be the I2C Module SCL and SDA ports or be the general I/O
ports. User should setup I2CEN register flag to decide the I2C Module is enabled or not. The detailed I2C
Module usage is described in Chapter 9.
The input port has a Schmitt trigger in it, and the up/down trigger voltage level is 0.45VDD/0.2VDD.
Output
FS98O21 sends the digital data out by an embedded D Flip Flop. When the program sends data out
through PT2, the data will be sent to data bus first, and then the D Flip Flop will latch the signal for PT2
output while the Write signal and AR (FS98O21 internal device address pointer) is pointed to PT2.
Pull up resistor
FS98O21 embeds an internal pull up resistor function in PT2 with about 1000k ohm resistor
15. User could
control the PT2PU[4:3] register flags to decide the connections to pull up resistor. When a port is
connected to the pull up resistor, the input data is, by default, assigned to high (data 1).
Open Drain Control
FS98O21 embeds an internal Open Drain Control function in PT2[4:3]. Users could control the
PT2OC[4:3] register flags to decide if the Open Drain Control function is enabled. When the user assigns
these 2 ports to be SCL and SDA, PT2OC[4:3] should be set. Please refer to Chapter 9.
15 The pull up current is about 10uA. Remember to disable PT1PU before program falls into Sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com