Electronic Components Datasheet Search
  English  ▼

X  

FS98O21 Datasheet(PDF) 20 Page - Fortune Semiconductor Corp.

Part # FS98O21
Description  8-bit MCU with 2k program EPROM, 128-byte RAM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O21 Datasheet(HTML) 20 Page - Fortune Semiconductor Corp.

Back Button FS98O21 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 21Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 22Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 23Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 24Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 136 page
background image
FS98O21
Rev. 1.7
20/136
ADC Characteristics (VDD=3V, TA=25 , unless otherwise noted)
℃
Table 2-3 FS98O21 ADC characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VACIN
ADC Common Mode Input Range
INH,INL,VRH,VRL
to VSS
0.6
0
2.3
V
VADIN
ADC Differential Mode Input Range
(INH,INL),
(VRH,VRL)
0.6
V
Resolution
±15625
Counts
ADC Linearity Error
VRFIN=0.44V
-0.1
0
+0.1
mV
ADC Input Offset Voltage
With Zero Cancellation
VRFIN=0.44V
VAIN=0
0
V
OPAMP Characteristics (VDD=3V, TA=25 , unless otherw
℃
ise noted)
Table 2-4 FS98O21 OPAMP characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Offset
1.5
mV
Input Offset Voltage with Chopper
Rs<100Ω
20
μ
V
Input Reference Noise
Rs=100Ω, 0.1Hz~1Hz
1.0
μ
Vpp
Input Reference Noise with Chopper
Rs=100Ω, 0.1Hz~1Hz
0.5
μ
Vpp
Input Bias Current
10
30
pA
Input Bias Current with Chopper
100
300
pA
Input Common Mode Range
0.5
2.4
V
Output Voltage Range
0.5
2.4
V
Chopper Clock Frequency
S_CHCK[1:0]=11
1k
Hz
Capacitor Load
50
100
pF
VDDA(V) vs Temperature(C)
VDD=3V
3.40
3.45
3.50
3.55
3.60
-50 -40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 100 110 120 130
Temperature (C)
VDDA
VREF(V) vs Temperature(C)
VDD=3V
1.180
1.185
1.190
1.195
1.200
1.205
-50 -40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 100 110 120 130
Temperature(C)
VREF
Figure 2-1 VDDA vs Temp @ VDD=3V
Figure 2-2 VREF vs Temp @ VDD=3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com