Electronic Components Datasheet Search
  English  ▼

X  

FS98O21 Datasheet(PDF) 37 Page - Fortune Semiconductor Corp.

Part # FS98O21
Description  8-bit MCU with 2k program EPROM, 128-byte RAM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O21 Datasheet(HTML) 37 Page - Fortune Semiconductor Corp.

Back Button FS98O21 Datasheet HTML 33Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 34Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 35Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 36Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 37Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 38Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 39Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 40Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 41Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 136 page
background image
FS98O21
Rev. 1.7
37/136
Low Battery Comparator
Figure 4-6 low battery comparator function block
Low Battery Comparator is used for VDD low voltage detection. FS98O21 embeds a voltage divider which can
generate 1/2 VDD and the 1/3 VDD. A multiplexer is used to connect the voltage divides to component input.
The multiplexer’s output is compares with 1.2V. The Control register flags are SILB[1:0] and the ENLB. The
Output flag is LBOUT which is for read only. Please see Figure 4-6.
Table 4-7 low battery comparator register table
Operation:
1.
Operate as Section 4.1 to get the VGG (2 times VDD or external Power Supply).
2.
Operate as Section 4.2 to get the VDDA (3.6V)
3.
Operate as Section 4.3 to active the Analog Bias Circuit
4.
Set SILB to choose the Comparator input. Please see Table 4-8
Table 4-8 low battery comparator voltage detection selection table
SILB [1:0]
Detection Voltage
if LBOUT = 1
00
1/2 VDD
VDD > 2.3 volt
01
1/3 VDD
VDD > 3.5 volt
10
AIN
AIN > 1.2 volt
5.
Set the ENLB register flag, and the Low Battery Comparator is enabled.
6.
The output, LBOUT, is the result of the comparator.
Address Name
Referenced
Section
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1
Bit 0
Value on Power on Reset
1Ch
NETE
4/10/11
ENVS SILB[1:0] ENLB
00000000
1Fh
SVD
4.5
LBOUT
uuuuuuuu
MUX
ENLB
1.2V
1/2 VDD
1/3 VDD
SILB[1:0]
00
01
AIN4
10
+
_
LBOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com