Electronic Components Datasheet Search
  English  ▼

X  

FS98O21 Datasheet(PDF) 76 Page - Fortune Semiconductor Corp.

Part # FS98O21
Description  8-bit MCU with 2k program EPROM, 128-byte RAM
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O21 Datasheet(HTML) 76 Page - Fortune Semiconductor Corp.

Back Button FS98O21 Datasheet HTML 72Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 73Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 74Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 75Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 76Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 77Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 78Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 79Page - Fortune Semiconductor Corp. FS98O21 Datasheet HTML 80Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 136 page
background image
FS98O21
Rev. 1.7
76/136
Table 7-7 PT2[7] register table
Addr
ess
Name
Referenced
Section
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power on
Reset
24h
PT2
7
PT2 [7:0]
uuuuuuuu
25h PT2E
N
7
PT2EN [7:0]
00000000
26h PT2P
U
7
PT2PU [7:0]
00000000
Read data Operation
1.
Clear the PT2EN[n]
20 register flags. The PT2[n] will be defined as an input port.
2.
Set the PT2PU[n] register as required. The PT2[n] will be connected to an internal pull up resistor.
3.
After the signal input from outside, user could get the data through PT2[n]
Write data Operation
1.
Set the PT2EN[n] register flags. The PT2[n] will be defined as an output port.
2.
Set the PT2PU[n] register as required. The PT2[n] will be connected to an internal pull up resistor.
3.
Set the PT2[n] to output the data. The embedded D Flip Flop will latch the data till PT2[n] is changed.
Buzzer Output Operation
1.
Set the PT2EN[7] register flags. The PT2[7] will be defined as an output port.
2.
Please refer to Section 5.4 for the Buzzer Clock setting.
3.
Set the BZEN register flag. The PT2[7] will become the buzzer output port.
4.
Connect a buzzer to PT2 bit7. The Buzzer will work correctly.
Notice Operation
1.
Parallel a small resistor (about 10k ohm) between ports and VDD to increase the possible output current
when the PT2PU[n] is set.
20 n means the bits indexes user want to control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com